Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPW Datasheet(PDF) 12 Page - STMicroelectronics

Part # TLV2262AIPW
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TLV2262AIPW Datasheet HTML 8Page - STMicroelectronics TLV2262AIPW Datasheet HTML 9Page - STMicroelectronics TLV2262AIPW Datasheet HTML 10Page - STMicroelectronics TLV2262AIPW Datasheet HTML 11Page - STMicroelectronics TLV2262AIPW Datasheet HTML 12Page - STMicroelectronics TLV2262AIPW Datasheet HTML 13Page - STMicroelectronics TLV2262AIPW Datasheet HTML 14Page - STMicroelectronics TLV2262AIPW Datasheet HTML 15Page - STMicroelectronics TLV2262AIPW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2264I electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
TLV2264I
TLV2264AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
300
2500
300
950
µV
VIO
Input offset voltage
Full range
3000
1500
µV
αVIO
Temperature coefficient
25
°C
2
2
µV/°C
αVIO
Temperature coefficient
of input offset voltage
25 C
to 85
°C
2
2
µV/°C
Input offset voltage
long-term drift
(see Note 4)
VDD ± = ±2.5 V,
VIC = 0,
VO = 0,
25
°C
0.003
0.003
µV/mo
VIC = 0,
VO = 0,
RS = 50 Ω
25
°C
0.5
60
0.5
60
IIO
Input offset current
RS = 50 Ω
85
°C
150
150
pA
IIO
Input offset current
Full range
800
800
pA
25
°C
1
60
1
60
IIB
Input bias current
85
°C
150
150
pA
IIB
Input bias current
Full range
800
800
pA
0
− 0.3
0
− 0.3
25
°C
0
to
− 0.3
to
0
to
− 0.3
to
VICR
Common-mode input
|VIO |≤5 mV,
RS = 50 Ω
25 C
to
4
to
4.2
to
4
to
4.2
V
VICR
Common-mode input
voltage range
|VIO | ≤5 mV,
RS = 50 Ω
0
0
V
voltage range
Full range
0
to
0
to
Full range
to
3.5
to
3.5
IOH = − 20 µA
25
°C
4.99
4.99
High-level output
IOH = − 100 µA
25
°C
4.85
4.94
4.85
4.94
VOH
High-level output
voltage
IOH = − 100 µA
Full range
4.82
4.82
V
VOH
voltage
IOH = − 400 µA
25
°C
4.7
4.85
4.7
4.85
V
IOH = − 400 µA
Full range
4.6
4.6
VIC = 2.5 V,
IOL = 50 µA
25
°C
0.01
0.01
Low-level output
VIC = 2.5 V,
IOL = 500 µA
25
°C
0.09
0.15
0.09
0.15
VOL
Low-level output
voltage
VIC = 2.5 V,
IOL = 500 µA
Full range
0.15
0.15
V
VOL
voltage
VIC = 2.5 V,
IOL = 1 mA
25
°C
0.2
0.3
0.2
0.3
V
VIC = 2.5 V,
IOL = 1 mA
Full range
0.3
0.3
Large-signal differential
VIC = 2.5 V,
RL = 50 kه
25
°C
80
170
80
170
AVD
Large-signal differential
voltage amplification
VIC = 2.5 V,
VO = 1 V to 4 V
RL = 50 kه
Full range
55
55
V/mV
AVD
voltage amplification
VO = 1 V to 4 V
RL = 1 Mه
25
°C
550
550
V/mV
ri(d)
Differential input
resistance
25
°C
1012
1012
Ω
ri(c)
Common-mode input
resistance
25
°C
1012
1012
Ω
ci(c)
Common-mode input
capacitance
f = 10 kHz,
N package
25
°C
8
8
pF
zo
Closed-loop output
impedance
f = 100 kHz,
AV = 10
25
°C
240
240
Ω
CMRR
Common-mode rejection
VIC = 0 to 2.7 V, VO = 2.5 V,
25
°C
70
83
70
83
dB
CMRR
Common-mode rejection
ratio
VIC = 0 to 2.7 V, VO = 2.5 V,
RS = 50 Ω
Full range
70
70
dB
kSVR
Supply voltage rejection
VDD = 4.4 V to 8 V,
25
°C
80
95
80
95
dB
kSVR
Supply voltage rejection
ratio (
∆VDD/∆VIO)
VDD = 4.4 V to 8 V,
VIC = VDD /2,
No load
Full range
80
80
dB
† Full range is − 40°C to 125°C.
‡ Referenced to 2.5 V
NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated
to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com