Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPWR Datasheet(PDF) 22 Page - STMicroelectronics

Part # TLV2262AIPWR
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPWR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TLV2262AIPWR Datasheet HTML 18Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 19Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 20Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 21Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 22Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 23Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 24Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 25Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
2 − 5
VIO
Input offset voltage
Distribution
vs Common-mode voltage
2 − 5
6, 7
αVIO
Input offset voltage temperature coefficient
Distribution
8 − 11
IIB/IIO
Input bias and input offset currents
vs Free-air temperature
12
VI
Input voltage
vs Supply voltage
13
VI
Input voltage
vs Supply voltage
vs Free-air temperature
13
14
VOH
High-level output voltage
vs High-level output current
15, 18
VOL
Low-level output voltage
vs Low-level output current
16, 17, 19
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
20
IOS
Short-circuit output current
vs Supply voltage
21
IOS
Short-circuit output current
vs Supply voltage
vs Free-air temperature
21
22
VID
Differential input voltage
vs Output voltage
23, 24
AVD
Differential voltage amplification
vs Load resistance
25
AVD
Large-signal differential voltage amplification
vs Frequency
26, 27
AVD
Large-signal differential voltage amplification
vs Frequency
vs Free-air temperature
26, 27
28, 29
zo
Output impedance
vs Frequency
30, 31
CMRR
Common-mode rejection ratio
vs Frequency
32
CMRR
Common-mode rejection ratio
vs Frequency
vs Free-air temperature
32
33
kSVR
Supply-voltage rejection ratio
vs Frequency
34, 35
kSVR
Supply-voltage rejection ratio
vs Frequency
vs Free-air temperature
34, 35
36, 37
IDD
Supply current
vs Free-air temperature
38, 39
SR
Slew rate
vs Load capacitance
40
SR
Slew rate
vs Load capacitance
vs Free-air temperature
40
41
VO
Inverting large-signal pulse response
42, 43
VO
Voltage-follower large-signal pulse response
44, 45
VO
Inverting small-signal pulse response
46, 47
VO
Voltage-follower small-signal pulse response
48, 49
Vn
Equivalent input noise voltage
vs Frequency
50, 51
Input noise voltage
Over a 10-second period
52
Integrated noise voltage
vs Frequency
53
THD + N
Total harmonic distortion plus noise
vs Frequency
54
Gain-bandwidth product
vs Supply voltage
55
Gain-bandwidth product
vs Supply voltage
vs Free-air temperature
55
56
φm
Phase margin
vs Frequency
26, 27
φm
Phase margin
vs Frequency
vs Load capacitance
26, 27
57
Gain margin
vs Load capacitance
58
B1
Unity-gain bandwidth
vs Load capacitance
59
Overestimation of phase margin
vs Load capacitance
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com