Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPWR Datasheet(PDF) 30 Page - STMicroelectronics

Part # TLV2262AIPWR
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPWR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TLV2262AIPWR Datasheet HTML 26Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 27Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 28Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 29Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 30Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 31Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 32Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 33Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
30
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 28
10
100
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION†‡
vs
FREE-AIR TEMPERATURE
1000
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
RL = 1 MΩ
RL = 50 kΩ
RL = 10 kΩ
VDD = 3 V
VIC = 1.5 V
VO = 0.5 V to 2.5 V
125
−75
Figure 29
10
100
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION†‡
vs
FREE-AIR TEMPERATURE
1000
− 50
− 25
0
25
50
75
100
TA − Free-Air Temperature − °C
RL = 1 MΩ
10000
125
−75
RL = 50 kΩ
RL = 10 kΩ
VDD = 5 V
VIC = 2.5 V
VO = 1 V to 4 V
Figure 30
0.1
1
f− Frequency − Hz
OUTPUT IMPEDANCE‡
vs
FREQUENCY
10
100
1000
10 2
10 3
10 4
10 5
VDD = 3 V
TA = 25°C
A V = 100
A V = 10
A V = 1
Figure 31
0.1
1
f− Frequency − Hz
OUTPUT IMPEDANCE‡
vs
FREQUENCY
10
100
1000
10 2
10 3
10 4
10 5
VDD = 5 V
TA = 25°C
A V = 100
A V = 10
A V = 1
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
‡ For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com