Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AIPWR Datasheet(PDF) 25 Page - STMicroelectronics

Part # TLV2262AIPWR
Description  ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TLV2262AIPWR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TLV2262AIPWR Datasheet HTML 21Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 22Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 23Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 24Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 25Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 26Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 27Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 28Page - STMicroelectronics TLV2262AIPWR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
TLV226x, TLV226xA
Advanced LinCMOS RAILTORAIL
OPERATIONAL AMPLIFIERS
SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
DISTRIBUTION OF TLV2264 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
10
5
30
0
20
15
25
35
−5
−4
−3
−2
−1
0
1
2
3
4
5
128 Amplifiers From
2 Wafer Lots
VDD± = ±1.5 V
N Package
TA = 25°C to 125°C
αVIO − Temperature Coefficient
of Input Offset Voltage −
µV/°C
Figure 11
DISTRIBUTION OF TLV2264 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
10
5
30
0
20
15
25
35
−5
−4
−3
−2
−1
0
1
2
3
4
5
128 Amplifiers From
2 Wafer Lots
VDD ± = ±2.5 V
N Package
TA = 25°C to 125°C
αVIO − Temperature Coefficient
of Input Offset Voltage −
µV/°C
Figure 12
10
5
30
0
25
45
65
85
20
15
25
INPUT BIAS AND INPUT OFFSET CURRENTS†
vs
FREE-AIR TEMPERATURE
35
105
125
IIB
IIO
VDD ± = ±2.5 V
VIC = 0
VO = 0
RS = 50 Ω
TA − Free-Air Temperature − °C
Figure 13
0
2
1
1.5
2
2.5
1
0.5
1.5
INPUT VOLTAGE
vs
SUPPLY VOLTAGE
2.5
3
3.5
4
− 0.5
−1
− 1.5
−2
− 2.5
RS = 50 Ω
TA = 25°C
| VIO | ≤ 5 mV
|VDD±| − Supply Voltage − V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com