Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5DF081UA/T1AD2060 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # P5DF081UA/T1AD2060
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AD2060 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button P5DF081UA/T1AD2060 Datasheet HTML 13Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 14Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 15Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 16Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 17Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 18Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 19Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 20Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
Command
Description
SAM_ActivateOfflineKey SAM_ActivateOfflineKey is to be used in AV2 mode to activate both OfflineCrypto and Offline
Change keys.
SAM_LoadInitVector
The command SAM_LoadInitVector is used to load an init vector for the next cryptographic
operation into the MIFARE SAM AV2.
The loaded init vector will be applied in the next cryptographic operation independent from the
‘Keep IV’ setting of the key entry except for the authentication commands where the init vector is
reset to zero.
SAM_KillAuthentication
AV1 compatibility mode:
Invalidates any kind of authentication in the logical channel the command is issued.
SAM_SelectApplication The command SAM_SelectApplication is the equivalent of the SelectApplication command
of DESFire. The MIFARE SAM AV2 generates a list of available keys linked to the specified
Application ID as defined in the key entry property ‘DF_AID’.
The MIFARE SAM AV2 generates a list of available keys per DESFire AID and DESFire key
number. For every key number, up to 6 key versions can be stored in the list (so it can read the
keys from maximum two key entries per DESFire AID and DESFire key number). This list is filled
starting with key entry zero. If the KST contains more than 6 key versions per DESFire AID and
DESFIRE key number, only the first 6 versions will be listed.
SAM_IsoGetChallenge/
SAM_GetRandom
AV1 compatibility mode
In AV1 compatibility mode, this is the first part of an ISO compliant authentication sequence
returning a random number. The command can obviously also be used for simply generating
a random number but it has to be taken into account that the MIFARE SAM AV2 internally is
set into a state indicating that an authentication procedure is ongoing, if the requested random
number length is 8 byte or 16 byte. Consequently, the command called after getting the random
number will be aborted (except SAM_IsoExternalAuthenticate). After this abortion the MIFARE
SAM AV2 resets its state and returns to normal operation.
For a complete and valid authentication procedure, the three commands SAM_IsoGetChallenge,
SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate have to be called in sequence
without interrupting the sequence by another command.
AV2 mode
In AV2 mode, this command is only available to get random numbers. In this case, there are no
special constraints on the expected length for the challenge.
SAM_IsoExternal
Authenticate
This command is part of an ISO compliant authentication procedure consisting of SAM_IsoGet
Challenge, SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate. It can be used by a
host for authenticating the MIFARE SAM AV2.
Note that this command is only available in AV1 compatibility mode.
Such an authentication proves that both the MIFARE SAM AV2 and the host contain the same
secret, namely a DES, TDEA or AES key, and generates a session key for further cryptographic
operations.
SAM_IsoInternal
Authenticate
This command is part of an ISO compliant authentication procedure consisting of SAM_IsoGet
Challenge, SAM_IsoExternalAuthenticate and SAM_IsoInternalAuthenticate. It can be used by a
host for authenticating the MIFARE SAM AV2.
Note that this command is only available in AV1 compatibility mode.
Such an authentication proves that both the MIFARE SAM AV2 and the host contain the same
secret, namely a DES, TDEA or AES key, and generates a session key for further cryptographic
operations.
SAM_GetVersion
The SAM_GetVersion command returns manufacturing related data of the MIFARE SAM AV2.
The SAM_GetVersion command can be used to detect whether a SAM has been switched to the
MIFARE SAM AV2 mode.
SAM_Sleep
Will force the MIFARE SAM AV2 to put a connected RC52x or RC663 into sleep mode and itself
into idle mode to reduce power consumption.
Table 7. SAM security and configuration commands...continued
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
17 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com