Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5DF081UA/T1AD2060 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # P5DF081UA/T1AD2060
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AD2060 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button P5DF081UA/T1AD2060 Datasheet HTML 5Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 6Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 7Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 8Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 9Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 10Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 11Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 12Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
8 Functional specification
8.1 Hardware interface
8.1.1 Contact interface
The pad assignment and the electrical characteristics are fully compliant with ISO/IEC 7816 (part 2 and part 3).
The MIFARE SAM AV2 operates with Class A and Class B interface devices. An internal charge pump provides
the EEPROM programming voltage. Note that pad C6 is not a programming voltage input but is an output line
for the clock signal for I2C communication to the RC52x or RC663 reader chip. Pad C8 is used as data line to
the reader chip. These two pads for connection to the RC52x or RC663 are the only ones deviating from the
ISO standard pin assignment.
8.1.2 External clock frequency and bit rates
The basic operation frequency of the MIFARE SAM AV2 is 3.5712 MHz. With this frequency the following
standard bit rates can be reached using ISO/IEC 7816 transmission factors F and D.
The MIFARE SAM AV2 supports significantly higher transmission speeds.
The maximum specified bit rate in any case is 1.5 Mbit/s.
8.1.3 Card operation procedures
All card operation procedures (activation, cold reset, warm reset and deactivation) are fully compliant with [4],
Chapter 5.
8.2 Transmission procedure and communication
8.2.1 Protocol activation sequence
All subsequently described operations are compliant with ISO/IEC 7816-3.
8.2.1.1 Answer To Reset (ATR)
The MIFARE SAM AV2 offers two modes of operation identified by different ATRs. A negotiable mode where
the bit rate has to be adjusted via a PPS request and a specific mode where the MIFARE SAM AV2 switches
automatically to F = 128 and D = 32 (highest possible speed) after sending the ATR. Starting with the negotiable
mode, the mode of operation is switched after every warm reset.
After a cold reset, the card sends the following ATR to the terminal.
Character
Value
Meaning
TS
3Bh
initial character; setting up direct convention
T0
DFh
TA(1), TC(1), TD(1) are present; number of historical characters
is 15
TA(1)
18h
F = 372; D = 12
TC(1)
FFh
no extra guard time needed; N = 255
TD(1)
81h
TD(2) is present; protocol T = 1
TD(2)
F1h
TA(3), TB(3), TC(3) and TD(3) are present; protocol T = 1
Table 5. ATR after cold reset
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
9 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com