Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P5DF081UA/T1AD2060 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # P5DF081UA/T1AD2060
Description  MIFARE secure access module SAM AV2
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5DF081UA/T1AD2060 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button P5DF081UA/T1AD2060 Datasheet HTML 19Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 20Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 21Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 22Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 23Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 24Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 25Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 26Page - NXP Semiconductors P5DF081UA/T1AD2060 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
NXP Semiconductors
P5DF081_SDS
MIFARE secure access module SAM AV2
Command
Description
The only difference with AV1 is that whether the secret key is retrieved in plain or encrypted depends
on the SAM-Host protection mode of the logical channel.
Table 12. MIFARE Classic in non-X-mode commands...continued
8.6.7 DESFire and ULC in non-X-mode commands
Command
Description
SAM_AuthenticatePICC
In this procedure both the PICC as well as the MIFARE SAM AV2 device show in an
encrypted way that they posses the same secret which especially means the same key. This
procedure not only confirms that both entities are permitted to do operations on each other but
also creates a session key which can be used to keep the further communication path secure.
As the name ‘session key’ implicitly indicates, each time a new authentication procedure is
successfully completed a new key for further cryptographic operations is obtained.
SAM_IsoAuthenticatePICC The ISO authentication procedure is intended to authenticate with a card using the standard
ISO commands GetChallenge, ExternalAuthenticate and InternalAuthenticate. This
authentication procedure can be used to authenticate a DESFire PICC but also another
MIFARE SAM AV2. However, the MIFARE SAM AV2 will treat the authentication procedure as
a PICC authentication, which means that commands requiring a host authentication will not be
available.
SAM_ChangeKeyPICC
This command generates the cryptogram that has to be sent to the PICC in order to change
any key stored in the PICC. Both the current and the new key need to be stored in the KST
to execute this command. This means a new PICC key needs to be loaded into the MIFARE
SAM AV2, prior to issuing this command.
Table 13. DESFire and ULC in non-X-mode commands
8.6.8 RC52x or RC663 configuration commands
Command
Description
RC_ReadRegister Read the content of one or more register(s) of the connected reader chip.
The command allows reading 255 registers with one command. If a register address is listed more
than once in the data field, the content of this register will be re-read every time.
RC_WriteRegister
Write the content of one or more register(s) of the connected reader chip.
The command allows writing 127 registers with one command. If a register address with its related
content is listed more than once in the data field, the content of this register will be re-written every
time.
RC_RFControl
This command allows the radio frequency field to be turned off and on. The basic behavior is the
reset functionality where the controller turns off the field for the time given in the data field. If a
zero value is passed, the field is totally turned off. After turning off the field, to turn it on again, the
command can be issued with any value other than zero. Take into account that the passed time value
also in this case will force the MIFARE SAM AV2 to wait this additional time until turning on the field
again.
RC_Init
Establishes the serial connection between MIFARE SAM AV2 and RC52x or RC663 and initializes the
reader chip with the register values stored in the selected register value set.
RC_LoadRegister
ValueSet
Stores a customer defined register value set for the RC52x or RC663 in the non-volatile memory
of the MIFARE SAM AV2. This set can then be used for initializing the reader chip with the RC_Init
command. The address of and the related value for the register have to be placed consecutively in
the command data field of the APDU.
Table 14. RC522x or RC663 configuration commands
P5DF081_SDS
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product short data sheet
Rev. 3.3 — 13 September 2023
23 / 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com