Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 58 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 58 Page - ams AG

Back Button AS7030B Datasheet HTML 54Page - ams AG AS7030B Datasheet HTML 55Page - ams AG AS7030B Datasheet HTML 56Page - ams AG AS7030B Datasheet HTML 57Page - ams AG AS7030B Datasheet HTML 58Page - ams AG AS7030B Datasheet HTML 59Page - ams AG AS7030B Datasheet HTML 60Page - ams AG AS7030B Datasheet HTML 61Page - ams AG AS7030B Datasheet HTML 62Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 57
SEQ_ADC2TIA (Address 0x43)
Figure 61:
SEQ_ADC2TIA Register
Addr: 0x43
SEQ_ADC2TIA
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_adc2tia
0
RW
ADC second sampling time for TIA: If this time is
non-zero, an ADC conversion is started at the
given cycle, but only if adc_sel is currently
selecting TIA. For all other channels, there is only
a single ADC conversion executed in the
sequencer period.
Warning: If non-zero, seq_adc must be non-zero
as well, and seq_adc2tia bigger than seq_adc.
The difference must be high enough so that the
second ADC conversion is started after the first
ADC conversion has finished.
Also, if the seq_adc2tia features is used, there is
the additional restriction that the second ADC
conversion has to be finished before the end of
the sequencer period.
SEQ_ADC3TIA (Address 0x44)
Figure 62:
SEQ_ADC3TIA Register
Addr: 0x44
SEQ_ADC3TIA
Bit
Bit Name
Default
Access
Bit Description
7:0
seq_adc3tia
0
RW
ADC third sampling time for TIA: same as
seq_adc2tia. Also must make sure to not overlap
ADC conversions! Also, adc3tia must be after
adc2tia



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com