Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 72 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 72 Page - ams AG

Back Button AS7030B Datasheet HTML 68Page - ams AG AS7030B Datasheet HTML 69Page - ams AG AS7030B Datasheet HTML 70Page - ams AG AS7030B Datasheet HTML 71Page - ams AG AS7030B Datasheet HTML 72Page - ams AG AS7030B Datasheet HTML 73Page - ams AG AS7030B Datasheet HTML 74Page - ams AG AS7030B Datasheet HTML 75Page - ams AG AS7030B Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 71
OFE2_CFGA (Address 0x58)
Figure 83:
OFE2_CFGA Register
Addr: 0x58
OFE2_CFGA
Bit
Bit Name
Default
Access
Bit Description
7
ofe2_sd_pol_init
0
RW
The low level driver shall ensure that this register
is 0 if one of the seq_sdm pulses is first, and is 1
if the seq_sdp is first within a sequence.
6
ofe2_sd_en
0
RW
0: Power down of the Synchronous demodulator
1: Enable Synchronous demodulator
5
ofe2_hp_en
0
RW
0: Power down of the high pass filter
1: Enable high pass filter
4
ofe2_gain_en
0
RW
0: Power down of the Gain stage
1: Enable Gain stage
3
ofe2_sd_byp
0
RW
0: Synchronous demodulator is used
1: Synchronous demodulator is bypassed
2
ofe2_hp_byp
0
RW
0: HP filter is used
1: HP filter is bypassed
1
ofe2_gain_byp
0
RW
0: Gain stage is used
1: Gain stage is bypassed
0
ofe2_sd_hld
0
RW
SD hold
0: Output of synchronous demodulator is forced
to SIGREF if not set to +1 or -1
1.
1: Output of synchronous demodulator is
tristated if not set to +1 or -1
OFE2_CFGB (Address 0x59)
Figure 84:
OFE2_CFGB Register
Addr: 0x59
OFE2_CFGB
Bit
Bit Name
Default
Access
Bit Description
7:5
ofe2_gain_g
0
RW
Gain for synchronous demodulator 2.
Settings
Gain
0
1
1
2
2
4
3
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com