Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 81 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 81 Page - ams AG

Back Button AS7030B Datasheet HTML 77Page - ams AG AS7030B Datasheet HTML 78Page - ams AG AS7030B Datasheet HTML 79Page - ams AG AS7030B Datasheet HTML 80Page - ams AG AS7030B Datasheet HTML 81Page - ams AG AS7030B Datasheet HTML 82Page - ams AG AS7030B Datasheet HTML 83Page - ams AG AS7030B Datasheet HTML 84Page - ams AG AS7030B Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 80
Addr: 0x28
LTF_CONTROL
Bit
Bit Name
Default
Access
Bit Description
0
ltf_start
0
R_PUSH
Writing 1 starts the counter, and it will run for
the specified time (itime). Afterwards it stops
automatically and interrupt is flagged.
writing 0 to the counter stops it as well.
reading the value returns whether the counter
is running.
If ltf_fifo_mode is non-zero, then FM
conversions are done continuously until a 0 is
written to this bit again.
AZ_CONTROL (Address 0x29)
Figure 96:
AZ_CONTROL Register
Addr: 0x29
AZ_CONTROL
Bit
Bit Name
Default
Access
Bit Description
7:2
Do not use
0
RW_SM
Do not use
1
az_enable_1
0
RW_SM
Writing a '1' to this register starts the AZ
engine for channel 1. This is usually not
necessary, as AZ is executed automatically
before the first LTF integration (unless
az_disable_auto is set) The bit is cleared to '0'
automatically when the AZ has finished. You
cannot write a '0' to this register.
0
az_enable_0
0
RW_SM
The same as az_enable_1, but for channel 0.
OFFSET0 (Address 0x2a)
Figure 97:
OFFSET0 Register
Addr: 0x2a
OFFSET0
Bit
Bit Name
Default
Access
Bit Description
7:0
offset0[7:0]
0
RW_SM
This register holds the value of the offset on the
channel 0 OpAmp. It can be overwritten, and it
gets overwritten by the auto-zero mechanism. The
value is in sign/magnitude encoding.
The value is ±127, sign/magnitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com