Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS7030B Datasheet(PDF) 110 Page - ams AG

Part # AS7030B
Description  Biosensor Solution with Embedded ECG Channel
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS7030B Datasheet(HTML) 110 Page - ams AG

Back Button AS7030B Datasheet HTML 106Page - ams AG AS7030B Datasheet HTML 107Page - ams AG AS7030B Datasheet HTML 108Page - ams AG AS7030B Datasheet HTML 109Page - ams AG AS7030B Datasheet HTML 110Page - ams AG AS7030B Datasheet HTML 111Page - ams AG AS7030B Datasheet HTML 112Page - ams AG AS7030B Datasheet HTML 113Page - ams AG AS7030B Datasheet HTML 114Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 129 page
background image
Document Feedback
AS7030B
Functional Description
Datasheet
• PUBLIC
DS000716
• v1-00 • 2020-Jun-10
128
│ 109
Interrupts
An interrupt output pin INT can be used to interrupt the host. Following interrupt sources are possible:
irq_adc: End of ADC conversion
irq_sequencer: End of sequencer sequence reached
irq_ltf: A light-to-frequency conversion is finished
irq_adc_threshold: ADC threshold triggered
– see ADC Threshold
irq_fifothreshold: FIFO almost full (as defined in bit fifo_threshold)
irq_fifooverflow: FIFO overflow (error condition, data is lost)
irq_clipdetect: TIA output and/or SD output exceeded threshold
– see details in CLIPSTATUS
Register
irq_led_supply_low: LED supply low comparator triggered
– see details in LEDSTATUS Register
Depending on the setting in register INTENAB each of the above interrupt source can assert INT
output pin (active low).
7.2
I2C
The AS7030B includes an I²C slave using an I²C address of 0x30 (7-bit format; R/W bit has to be
added) respectively 60 h (8-bit format for writing) and 61 h (8-bit format for reading). It expects
external pull-up resistors.
7.2.1
I2C Serial Interface
I2C Feature List
●
Fast mode (400 kHz) and standard mode (100 kHz) support
●
7+1-bit addressing mode
●
Write formats: Single-Byte-Write, Page-Write
●
Read formats: Current-Address-Read, Random-Read, Sequential-Read
●
SDA input delay and SCL spike filtering by integrated RC-components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com