Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY448
Description  Damper diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY448 Datasheet(HTML) 1 Page - NXP Semiconductors

  BY448 Datasheet HTML 1Page - NXP Semiconductors BY448 Datasheet HTML 2Page - NXP Semiconductors BY448 Datasheet HTML 3Page - NXP Semiconductors BY448 Datasheet HTML 4Page - NXP Semiconductors BY448 Datasheet HTML 5Page - NXP Semiconductors BY448 Datasheet HTML 6Page - NXP Semiconductors BY448 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
Product specification
Supersedes data of May 1996
1996 Sep 26
DISCRETE SEMICONDUCTORS
BY448
Damper diode
handbook, 2 columns
M3D116


Similar Part No. - BY448

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
Silicon Mesa Rectifiers
24-Jun-98
BY448 VISHAY-BY448 Datasheet
124Kb / 5P
Standard Avalanche Sinterglass Diode
14-Apr-05
logo
Gulf Semiconductor
BY448 GULFSEMI-BY448 Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE:1500V CURRENT: 2.0A
logo
Vishay Siliconix
BY448 VISHAY-BY448 Datasheet
113Kb / 4P
Standard Avalanche Sinterglass Diode
09-Aug-10
logo
Shenzhen Luguang Electr...
BY448 LUGUANG-BY448 Datasheet
218Kb / 3P
Standard Avalanche Sinterglass Diode
More results

Similar Description - BY448

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
Damper diode
1996 Sep 30
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
DAMPER DIODE
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
DAMPER DIODE
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
Damper diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com