Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY448 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BY448
Description  Damper diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY448 Datasheet(HTML) 2 Page - NXP Semiconductors

  BY448 Datasheet HTML 1Page - NXP Semiconductors BY448 Datasheet HTML 2Page - NXP Semiconductors BY448 Datasheet HTML 3Page - NXP Semiconductors BY448 Datasheet HTML 4Page - NXP Semiconductors BY448 Datasheet HTML 5Page - NXP Semiconductors BY448 Datasheet HTML 6Page - NXP Semiconductors BY448 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
1996 Sep 26
2
Philips Semiconductors
Product specification
Damper diode
BY448
FEATURES
• Glass passivated
• High maximum operating
temperature
• Low leakage current
• Excellent stability
• Available in ammo-pack.
APPLICATIONS
• Damper diode in high frequency
horizontal deflection circuits up to
16 kHz.
DESCRIPTION
Rugged glass package, using a high
temperature alloyed construction.
This package is hermetically sealed
and fatigue free as coefficients of
expansion of all used parts are
matched.
Fig.1 Simplified outline (SOD57) and symbol.
2/3 page (Datasheet)
MAM047
ka



LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
ELECTRICAL CHARACTERISTICS
Tj =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRSM
non-repetitive peak reverse voltage
−
1650
V
VRRM
repetitive peak reverse voltage
−
1650
V
VR
continuous reverse voltage
−
1500
V
IFWM
working peak forward current
Tamb =50 °C; PCB mounting
(see Fig 4); see Fig.2
−
4A
IFRM
repetitive peak forward current
−
8A
IFSM
non-repetitive peak forward current
t = 10 ms half sinewave;
Tj =Tj max prior to surge;
VR =VRRMmax
−
30
A
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 3 A; Tj =Tj max; see Fig.3
1.45
V
IF = 3 A; see Fig.3
1.60
V
IR
reverse current
VR =VRmax; Tj = 150 °C
150
µA
trr
reverse recovery time
when switched from IF = 0.5 A to IR =1A;
measured at IR = 0.25 A; see Fig.6
1
µs
tfr
forward recovery time
when switched to IF = 4 A in 50 ns;
Tj =Tj max; see Fig.7
1
µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com