Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4137TS Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT4137TS
Description  CMOS Boost Converter - White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137TS Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT4137TS Datasheet HTML 5Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 9Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 10Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 11Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 12Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 13Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
CAT4137
© Catalyst Semiconductor, Inc.
9
Doc. No. MD-5012Rev. B
Characteristics subject to change without notice
APPLICATION INFORMATION
EXTERNAL COMPONENT SELECTION
Capacitors
The
CAT4137
only
requires
small
ceramic
capacitors of 1uF on the input and 0.22µF on the
output. The output capacitor should be rated at 30V
or greater. Under normal conditions, a 1µF input
capacitor is sufficient. For applications with higher
output power, a larger input capacitor of 2.2µF or
4.7µF may be appropriate. X5R and X7R capacitor
types are ideal due to their stability across
temperature range.
Inductor
A 22µH inductor is recommended for most of the
CAT4137
applications.
In
cases where
the
efficiency is critical, inductances with lower series
resistance are preferred. Several inductor types
from various vendors can be used. Figure 1 shows
how different inductor types affect the efficiency
across the load range.
60
70
80
90
100
5
1015
202530
LED CURRENT [mA]
SUMIDA CDRH3D16-220
MURATA LQH32CN220
PANASONIC ELJ-EA220
PANASONIC ELJ-PC220
3 LEDs
VIN = 3.6V
Figure 1. Efficiency for various inductors
Schottky Diode
The current rating of the Schottky diode must
exceed the peak current flowing through it. The
Schottky diode performance is rated in terms of its
forward voltage at a given current. In order to
achieve the best efficiency, this forward voltage
should be as low as possible. The response time is
also critical since the driver is operating at 1MHz.
Central
Semiconductor
Schottky
CMDSH2-3
(200mA rated) or the CMDSH-3 (100mA rated) is
recommended for most applications.
LED Current Setting
The LED current is set by the external resistor
between the feedback pin (FB) and ground. The
formula below gives the relationship between the
resistor and the current:
R1 = 0.3V/LED current
LED current (mA)
R1 (Ω)
5
60
10
30
15
20
20
15
25
12
30
10
Table 1. Resistor R1 and LED current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com