Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4137TS Datasheet(PDF) 12 Page - Catalyst Semiconductor

Part # CAT4137TS
Description  CMOS Boost Converter - White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137TS Datasheet(HTML) 12 Page - Catalyst Semiconductor

Back Button CAT4137TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 9Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 10Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 11Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 12Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 13Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
CAT4137
Doc. No. MD-5012 Rev. B
12
© Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
OPEN LED PROTECTION
In the event of an “Open LED” fault condition, the
CAT4137 will continue to boost the output voltage
with maximum power until the output voltage reaches
approximately 24V. Once the output exceeds this
level, internal circuitry immediately places the device
into a very low power mode where the total input
power consumed is less than 10mW.
In low power mode, the input supply current will
typically drop to 2mA. An internal clamping circuit will
limit the subsequent output voltage to approximately
29V. This operating mode eliminates the need for any
external protection zener diode. This protection
scheme also fully protects the device against any
malfunction in the external Schottky diode (open-
circuit).
Open LED Protection
VIN
CAT4137
VIN
VOUT
L
(Central CMDSH2-3)
D
1µF
C1
0.22µF
C2
R1
15Ω
FB
SHDN
SW
GND
ON
22µH
OFF
VFB = 300mV
Open LED Power-up Waveforms
Open LED Supply Current vs. VIN
1.0
1.5
2.0
2.5
2.5
3.0
3.5
4.0
4.5
5.0
INPUT VOLTAGE [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com