Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT4137TS Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT4137TS
Description  CMOS Boost Converter - White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4137TS Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT4137TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 9Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 10Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 11Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 12Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 13Page - Catalyst Semiconductor CAT4137TS Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT4137
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-5012Rev. B
Characteristics subject to change without notice
BOARD LAYOUT
The CAT4137 is a high-frequency switching regulator.
Traces carrying high-frequency switching current have
to be carefully layout on the board in order to minimize
EMI, ripple and noise in general. The thicker lines
shown on Figure 4 indicate the switching current path.
All these traces have to be short and wide enough to
minimize the parasitic inductance and resistance. The
loop shown on Figure 4 corresponds to the current
path when the CAT4137 internal switch is closed. On
Figure 5 is shown the current loop when the CAT4137
switch is open. Both loop areas should be as small as
possible.
Capacitor C1 has to be placed as close as possible to
the VIN pin and GND. The capacitor C2 has to be
connected separately to the top LED anode. A
ground plane under the CAT4137 allows for direct
connection of the capacitors to ground. The resistor
R1 must be connected directly to the GND pin of the
CAT4137 and not shared with the switching current
loops and any other components.
Figure 4. Closed-switch current loop
Figure 5. Open-switch current loop
VIN
CAT4137
VIN
LD
VOUT
R1
C1
FB
Switch
Closed
SHDN
SW
GND
C2
VIN
CAT4137
VIN
LD
VOUT
R1
C1
FB
Switch
Open
SHDN
SW
GND
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com