Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 85 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 85 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 81Page - STMicroelectronics M29DW128F_06 Datasheet HTML 82Page - STMicroelectronics M29DW128F_06 Datasheet HTML 83Page - STMicroelectronics M29DW128F_06 Datasheet HTML 84Page - STMicroelectronics M29DW128F_06 Datasheet HTML 85Page - STMicroelectronics M29DW128F_06 Datasheet HTML 86Page - STMicroelectronics M29DW128F_06 Datasheet HTML 87Page - STMicroelectronics M29DW128F_06 Datasheet HTML 88Page - STMicroelectronics M29DW128F_06 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 94 page
background image
M29DW128F
High Voltage Block Protection
85/94
Appendix D
High Voltage Block Protection
The High Voltage Block Protection can be used to prevent any operation from modifying the
data stored in the memory. The blocks are protected in groups, refer to Appendix A, Table 34
for details of the Protection Groups. Once protected, Program and Erase operations within
the protected group fail to change the data.
There are three techniques that can be used to control Block Protection, these are the
Programmer technique, the In-System technique and Temporary Unprotection. Temporary
Unprotection is controlled by the Reset/Block Temporary Unprotection pin, RP; this is
described in the Signal Descriptions section.
To protect the Extended Block issue the Enter Extended Block command and then use
either the Programmer or In-System technique. Once protected issue the Exit Extended
Block command to return to read mode. The Extended Block protection is irreversible, once
protected the protection cannot be undone.
D.1
Programmer technique
The Programmer technique uses high (VID) voltage levels on some of the bus pins. These
cannot be achieved using a standard microprocessor bus, therefore the technique is
recommended only for use in Programming Equipment.
To protect a group of blocks follow the flowchart in Figure 23: Programmer equipment Group
Protect flowchart. To unprotect the whole chip it is necessary to protect all of the groups first,
then all groups can be unprotected at the same time. To unprotect the chip follow Figure 24:
Programmer equipment Chip Unprotect flowchart. Table 42: Programmer technique Bus
operations, 8-bit or 16-bit mode, gives a summary of each operation.
The timing on these flowcharts is critical. Care should be taken to ensure that, where a
pause is specified, it is followed as closely as possible. Do not abort the procedure before
reaching the end. Chip Unprotect can take several seconds and a user message should be
provided to show that the operation is progressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com