Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 49 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 45Page - STMicroelectronics M29DW128F_06 Datasheet HTML 46Page - STMicroelectronics M29DW128F_06 Datasheet HTML 47Page - STMicroelectronics M29DW128F_06 Datasheet HTML 48Page - STMicroelectronics M29DW128F_06 Datasheet HTML 49Page - STMicroelectronics M29DW128F_06 Datasheet HTML 50Page - STMicroelectronics M29DW128F_06 Datasheet HTML 51Page - STMicroelectronics M29DW128F_06 Datasheet HTML 52Page - STMicroelectronics M29DW128F_06 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 94 page
background image
M29DW128F
Status Register
49/94
7
Status Register
The M29DW128F has one Status Register. The Status Register provides information on the
current or previous Program or Erase operations executed in each bank. The various bits
convey information and errors on the operation. Bus Read operations from any address
within the Bank, always read the Status Register during Program and Erase operations. It is
also read during Erase Suspend when an address within a block being erased is accessed.
The bits in the Status Register are summarized in Table 19: Status Register bits.
7.1
Data Polling bit (DQ7)
The Data Polling bit can be used to identify whether the Program/Erase Controller has
successfully completed its operation or if it has responded to an Erase Suspend. The Data
Polling bit is output on DQ7 when the Status Register is read.
During Program operations the Data Polling bit outputs the complement of the bit being
programmed to DQ7. After successful completion of the Program operation the memory
returns to Read mode and Bus Read operations from the address just programmed output
DQ7, not its complement.
During Erase operations the Data Polling bit outputs ’0’, the complement of the erased state
of DQ7. After successful completion of the Erase operation the memory returns to Read
mode.
In Erase Suspend mode the Data Polling bit will output a ’1’ during a Bus Read operation
within a block being erased. The Data Polling bit will change from a ’0’ to a ’1’ when the
Program/Erase Controller has suspended the Erase operation.
Figure 8: Data Polling flowchart, gives an example of how to use the Data Polling bit. A Valid
Address is the address being programmed or an address within the block being erased.
7.2
Toggle bit (DQ6)
The Toggle bit can be used to identify whether the Program/Erase Controller has
successfully completed its operation or if it has responded to an Erase Suspend. The Toggle
bit is output on DQ6 when the Status Register is read.
During a Program/Erase operation the Toggle bit changes from ’0’ to ’1’ to ’0’, etc., with
successive Bus Read operations at any address. After successful completion of the
operation the memory returns to Read mode.
During Erase Suspend mode the Toggle bit will output when addressing a cell within a block
being erased. The Toggle bit will stop toggling when the Program/Erase Controller has
suspended the Erase operation.
Figure 9: Toggle flowchart, gives an example of how to use the Data Toggle bit. Figure 16
and Figure 17 describe Toggle bit timing waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com