Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29DW128F Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29DW128F
Description  128 Mbit (16Mb x8 or 8Mb x16, Multiple Bank, Page, Boot Block) 3V supply Flash memory
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29DW128F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29DW128F_06 Datasheet HTML 16Page - STMicroelectronics M29DW128F_06 Datasheet HTML 17Page - STMicroelectronics M29DW128F_06 Datasheet HTML 18Page - STMicroelectronics M29DW128F_06 Datasheet HTML 19Page - STMicroelectronics M29DW128F_06 Datasheet HTML 20Page - STMicroelectronics M29DW128F_06 Datasheet HTML 21Page - STMicroelectronics M29DW128F_06 Datasheet HTML 22Page - STMicroelectronics M29DW128F_06 Datasheet HTML 23Page - STMicroelectronics M29DW128F_06 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
Bus operations
M29DW128F
20/94
3.6.5
Temporary Unprotect of high voltage Protected Blocks
The RP pin can be used to temporarily unprotect all the blocks previously protected using the In-System
or the Programmer protection technique (High Voltage techniques). Refer to Section 2.9: Reset/Block
Temporary Unprotect (RP).
Table 3.
Bus operations, 8-bit mode(1)
Operation
E
G
W
RP
VPP/WP
Address Inputs
Data Inputs/Outputs
A22-A0, DQ15A-1
DQ14-DQ8
DQ7-DQ0
Bus Read
VIL
VIL
VIH VIH
VIH
Cell Address
Hi-Z
Data Output
Bus Write
VIL
VIH
VIL
VIH
VIH
Command Address
Hi-Z
Data Input
Output Disable
X
VIH
VIH VIH
VIH
X
Hi-Z
Hi-Z
Standby
VIH
XX
VIH
VIH
X
Hi-Z
Hi-Z
1.
X = VIL or VIH.
Table 4.
Read Electronic Signature, 8-bit mode(1)
Read Cycle
E
G
W
Address Inputs
Data
Inputs/Outputs
A22-A10
A9
A8
A7-A6 A5-A4
A3
A2
A1
A0
DQ15A-1
DQ14-
DQ8
DQ7-
DQ0
Manufacturer Code
VIL VIL VIH
XVID
XVIL
XVIL
VIL
VIL
VIL
X
Hi-Z
20h
Device Code (Cycle 1)
VIL
VIL
VIL
VIL
VIH
XHi-Z
7Eh
Device Code (Cycle 2)
VIH VIH VIH
VIL
X
Hi-Z
20h
Device Code (Cycle 3)
VIH VIH VIH VIH
X
Hi-Z
00h
1.
X = VIL or VIH.
Table 5.
Block Protection, 8-bit mode(1)
Operation
E
G
W
RP
VPP/
WP
Address Inputs
Data Inputs/Outputs
A22
-
A12
A11-
A10
A9 A8 A7 A6
A5
-
A4
A3-
A2
A1
A0
DQ15
A-1
DQ14
-DQ8
DQ7-DQ0
Verify Extended
Block
Protection
Indicator (bits
DQ6, DQ7)
VIL VIL VIH VIH VIH
BA
XVID X
X
VIL
X
VIL VIH
VIH
X
Hi-Z
80h (Customer
Lockable)
C0h (Customer
Locked)(2)
Verify Block
Protection
Status
BKA
VIL
VIL
VIL
X
01h (protected)
00h
(unprotected)
Temporary
Block
Unprotect (3)
XX
X
VID
X
Valid
Data Input
1.
X = VIL or VIH. BKA Bank Address, BA any Address in the Block.
2.
This indicates the protection status of the second section of the Extended Block; the first section of the Extended Block
being always Factory Locked.
3.
The RP pin unprotects all the blocks that have been previously protected using a High Voltage protection Technique.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com