Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L8CH Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 10Page - STMicroelectronics VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
4.1
I²C interface - timing characteristics
Timing characteristics are shown in Table 6. I2C interface - timing characteristics for fast mode plus (1 MHz) and
Table 7. I2C interface - timing characteristics for fast mode (400 kHz). Refer to Figure 16. I2C timing
characteristics for an explanation of the parameters used.
Timings are given for all process, voltage, and temperature (PVT) conditions.
Table 6. I2C interface - timing characteristics for fast mode plus (1 MHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
—
1000
kHz
tLOW
Clock pulse width low
0.5
—
—
µs
tHIGH
Clock pulse width high
0.26
—
—
µs
tSP
Pulse width of spikes, which are
suppressed by the input filter
—
—
50
ns
tBUF
Bus free time between
transmissions
0.5
—
—
µs
tHD.STA
Start hold time
0.26
—
—
µs
tSU.STA
Start setup time
0.26
—
—
µs
tHD.DAT
Data in hold time
0
—
0.9
µs
tSU.DAT
Data in setup time
50
—
—
ns
tR
SCL/SDA rise time
—
—
120
ns
tF
SCL/SDA fall time
—
—
120
ns
tSU.STO
Stop setup time
0.26
—
—
µs
Ci/o
Input/output capacitance (SDA)
—
—
10
pF
Cin
Input capacitance (SCL)
—
—
4
pF
CL
Load capacitance (1V8)
—
140
550
pF
Load capacitance (1V2)
—
140
150
pF
VL53L8CH
I²C interface - timing characteristics
DS14310 - Rev 3
page 14/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com