Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L8CH Datasheet(PDF) 15 Page - STMicroelectronics

Part # VL53L8CH
Description  Artificial intelligence enabler, high performance 8x8 multizone Time-of-Flight (ToF) sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L8CH Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VL53L8CH Datasheet HTML 11Page - STMicroelectronics VL53L8CH Datasheet HTML 12Page - STMicroelectronics VL53L8CH Datasheet HTML 13Page - STMicroelectronics VL53L8CH Datasheet HTML 14Page - STMicroelectronics VL53L8CH Datasheet HTML 15Page - STMicroelectronics VL53L8CH Datasheet HTML 16Page - STMicroelectronics VL53L8CH Datasheet HTML 17Page - STMicroelectronics VL53L8CH Datasheet HTML 18Page - STMicroelectronics VL53L8CH Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
Table 7. I2C interface - timing characteristics for fast mode (400 kHz)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
FI2C
Operating frequency
0
—
400
kHz
tLOW
Clock pulse width low
1.3
—
—
µs
tHIGH
Clock pulse width high
0.6
—
—
µs
tSP
Pulse width of spikes, which are
suppressed by the input filter
—
—
50
ns
tBUF
Bus free time between
transmissions
1.3
—
—
µs
tHD.STA
Start hold time
0.26
—
—
µs
tSU.STA
Start setup time
0.26
—
—
µs
tHD.DAT
Data in hold time
0
—
0.9
µs
tSU.DAT
Data in setup time
50
—
—
ns
tR
SCL/SDA rise time
—
—
300
ns
tF
SCL/SDA fall time
—
—
300
ns
tSU.STO
Stop setup time
0.6
—
—
µs
Ci/o
Input/output capacitance (SDA)
—
—
10
pF
Cin
Input capacitance (SCL)
—
—
4
pF
CL
Load capacitance (1V8)
—
125
400
pF
Load capacitance (1V2)
—
125
400
pF
Figure 16. I2C timing characteristics
VL53L8CH
I²C interface - timing characteristics
DS14310 - Rev 3
page 15/44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com