Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F23C8ES Datasheet(PDF) 20 Page - Intel Corporation

Part # 5CEBA2F23C8ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES Datasheet(HTML) 20 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 16Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 17Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 18Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 19Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 20Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 21Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 22Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 23Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Table 16.
Variable-Precision DSP Block Configurations for Cyclone V Devices
Usage Example
Multiplier Size (Bit)
DSP Block Resource
Low precision fixed point for video
applications
Three 9 x 9
1
Medium precision fixed point in FIR
filters
Two 18 x 18
1
FIR filters and general DSP usage
Two 18 x 18 with accumulate
1
High precision fixed- or floating-point
implementations
One 27 x 27 with accumulate
1
You can configure each DSP block during compilation as independent three 9 x 9, two
18 x 18, or one 27 x 27 multipliers. With a dedicated 64 bit cascade bus, you can
cascade multiple variable-precision DSP blocks to implement even higher precision
DSP functions efficiently.
Table 17.
Number of Multipliers in Cyclone V Devices
The table lists the variable-precision DSP resources by bit precision for each Cyclone V device.
Variant
Member
Code
Variable-
precision
DSP Block
Independent Input and Output
Multiplications Operator
18 x 18
Multiplier
Adder Mode
18 x 18
Multiplier
Adder
Summed
with 36 bit
Input
9 x 9
Multiplier
18 x 18
Multiplier
27 x 27
Multiplier
Cyclone V E
A2
25
75
50
25
25
25
A4
66
198
132
66
66
66
A5
150
450
300
150
150
150
A7
156
468
312
156
156
156
A9
342
1,026
684
342
342
342
Cyclone V
GX
C3
57
171
114
57
57
57
C4
70
210
140
70
70
70
C5
150
450
300
150
150
150
C7
156
468
312
156
156
156
C9
342
1,026
684
342
342
342
Cyclone V GT
D5
150
450
300
150
150
150
D7
156
468
312
156
156
156
D9
342
1,026
684
342
342
342
Cyclone V SE
A2
36
108
72
36
36
36
A4
84
252
168
84
84
84
A5
87
261
174
87
87
87
A6
112
336
224
112
112
112
Cyclone V SX
C2
36
108
72
36
36
36
C4
84
252
168
84
84
84
C5
87
261
174
87
87
87
continued...
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com