Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F23C8ES Datasheet(PDF) 5 Page - Intel Corporation

Part # 5CEBA2F23C8ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES Datasheet(HTML) 5 Page - Intel Corporation

  5CEBA2F23C8ES Datasheet HTML 1Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 2Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 3Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 4Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 5Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 6Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 7Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 8Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Feature
Description
• HPS–FPGA bridges—include the FPGA-to-HPS, HPS-to-FPGA, and lightweight HPS-to-FPGA
bridges that allow the FPGA fabric to issue transactions to slaves in the HPS, and vice versa
• FPGA-to-HPS SDRAM controller subsystem—provides a configurable interface to the multiport
front end (MPFE) of the HPS SDRAM controller
• Arm CoreSight™ JTAG debug access port, trace port, and on-chip trace storage
Configuration
• Tamper protection—comprehensive design protection to protect your valuable IP investments
• Enhanced advanced encryption standard (AES) design security features
• CvP
• Dynamic reconfiguration of the FPGA
• Active serial (AS) x1 and x4, passive serial (PS), JTAG, and fast passive parallel (FPP) x8 and
x16 configuration options
• Internal scrubbing (2)
• Partial reconfiguration (3)
Cyclone V Device Variants and Packages
Table 3.
Device Variants for the Cyclone V Device Family
Variant
Description
Cyclone V E
Optimized for the lowest system cost and power requirement for a wide spectrum of general logic
and DSP applications
Cyclone V GX
Optimized for the lowest cost and power requirement for 614 Mbps to 3.125 Gbps transceiver
applications
Cyclone V GT
The FPGA industry’s lowest cost and lowest power requirement for 6.144 Gbps transceiver
applications
Cyclone V SE
SoC with integrated Arm-based HPS
Cyclone V SX
SoC with integrated Arm-based HPS and 3.125 Gbps transceivers
Cyclone V ST
SoC with integrated Arm-based HPS and 6.144 Gbps transceivers
Cyclone V E
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V E devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
Related Information
Product Selector Guide
Provides the latest information about Intel products.
(2) The SEU internal scrubbing feature is available for Cyclone V E, GX, SE, and SX devices with
the "SC" suffix in the part number. For device availability and ordering, contact your local Intel
sales representatives.
(3) The partial reconfiguration feature is available for Cyclone V E, GX, SE, and SX devices with
the "SC" suffix in the part number. For device availability and ordering, contact your local
Intel® sales representatives.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com