Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5CEBA2F23C8ES Datasheet(PDF) 32 Page - Intel Corporation

Part # 5CEBA2F23C8ES
Description  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C8ES Datasheet(HTML) 32 Page - Intel Corporation

Back Button 5CEBA2F23C8ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 30Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 31Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 32Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 33Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 34Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 35Page - Intel Corporation 5CEBA2F23C8ES Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Apart from lowering cost and power consumption, partial reconfiguration increases the
effective logic density of the device because placing device functions that do not
operate simultaneously is not necessary. Instead, you can store these functions in
external memory and load them whenever the functions are required. This capability
reduces the size of the device because it allows multiple applications on a single
device—saving the board space and reducing the power consumption.
Intel simplifies the time-intensive task of partial reconfiguration by building this
capability on top of the proven incremental compile and design flow in the Intel
Quartus Prime design software. With the Intel solution, you do not need to know all
the intricate device architecture details to perform a partial reconfiguration.
Partial reconfiguration is supported through the FPP x16 configuration interface. You
can seamlessly use partial reconfiguration in tandem with dynamic reconfiguration to
enable simultaneous partial reconfiguration of both the device core and transceivers.
Enhanced Configuration and Configuration via Protocol
Cyclone V devices support 1.8 V, 2.5 V, 3.0 V, and 3.3 V programming voltages and
several configuration schemes.
Table 24.
Configuration Schemes and Features Supported by Cyclone V Devices
Mode
Data
Width
Max Clock
Rate
(MHz)
Max Data
Rate
(Mbps)
Decompressi
on
Design
Security
Partial
Reconfigurat
ion(18)
Remote
System
Update
AS through the EPCS
and EPCQ serial
configuration device
1 bit, 4
bits
100
—
Yes
Yes
—
Yes
PS through CPLD or
external
microcontroller
1 bit
125
125
Yes
Yes
—
—
FPP
8 bits
125
—
Yes
Yes
—
Parallel flash
loader
16 bits
125
—
Yes
Yes
Yes
CvP (PCIe)
x1, x2,
and x4
lanes
—
—
Yes
Yes
Yes
—
JTAG
1 bit
33
33
—
—
—
—
Instead of using an external flash or ROM, you can configure the Cyclone V devices
through PCIe using CvP. The CvP mode offers the fastest configuration rate and
flexibility with the easy-to-use PCIe hard IP block interface. The Cyclone V CvP
implementation conforms to the PCIe 100 ms power-up-to-active time requirement.
Related Information
Configuration via Protocol (CvP) Implementation in Intel FPGAs User Guide
Provides more information about CvP.
(18) The partial reconfiguration feature is available for Cyclone V E, GX, SE, and SX devices with
the "SC" suffix in the part number. For device availability and ordering, contact your local Intel
sales representatives.
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com