Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33341 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 1 Page - ON Semiconductor

  MC33341_06 Datasheet HTML 1Page - ON Semiconductor MC33341_06 Datasheet HTML 2Page - ON Semiconductor MC33341_06 Datasheet HTML 3Page - ON Semiconductor MC33341_06 Datasheet HTML 4Page - ON Semiconductor MC33341_06 Datasheet HTML 5Page - ON Semiconductor MC33341_06 Datasheet HTML 6Page - ON Semiconductor MC33341_06 Datasheet HTML 7Page - ON Semiconductor MC33341_06 Datasheet HTML 8Page - ON Semiconductor MC33341_06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 4
1
Publication Order Number:
MC33341/D
MC33341
Power Supply Battery
Charger Regulation
Control Circuit
The MC33341 is a monolithic regulation control circuit that is
specifically designed to close the voltage and current feedback loops in
power supply and battery charger applications. This device features the
unique ability to perform source high−side, load high−side, source
low−side and load low−side current sensing, each with either an
internally fixed or externally adjustable threshold. The various current
sensing modes are accomplished by a means of selectively using the
internal differential amplifier, inverting amplifier, or a direct input path.
Positive voltage sensing is performed by an internal voltage amplifier.
The voltage amplifier threshold is internally fixed and can be externally
adjusted in all low−side current sensing applications. An active high
drive output is provided to directly interface with economical
optoisolators for isolated output power systems. This device is available
in 8−lead dual−in−line and surface mount packages.
Features
• Differential Amplifier for High−Side Source and Load Current Sensing
• Inverting Amplifier for Source Return Low−Side Current Sensing
• Non−Inverting Input Path for Load Low−Side Current Sensing
• Fixed or Adjustable Current Threshold in All Current Sensing Modes
• Positive Voltage Sensing in All Current Sensing Modes
• Fixed Voltage Threshold in All Current Sensing Modes
• Adjustable Voltage Threshold in All Low−Side Current Sensing Modes
• Output Driver Directly Interfaces with Economical Optoisolators
• Operating Voltage Range of 2.3 V to 16 V
• Pb−Free Packages are Available
Figure 1. Representative Block Diagram
This device contains 114 active transistors.
8
Drive Output
1
Current Sense Input A
7
VCC
2
Current
Threshold Adjust
6
Current Sense Input B/
Voltage Threshold Adjust
3
Compensation
5
Voltage Sense
Input
4
GND
Differential
Amp
Inverting/
Noninverting Amp
V
I
0.2 V
1.2 V
Reference
Voltage and Current
Transconductance
Amp/Driver
1.0
#1.0
PDIP−8
P SUFFIX
CASE 626
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
SOIC−8
D SUFFIX
CASE 751
PIN CONNECTIONS
MC33341P
YYWWG
1
1
8
AWL
33341
ALYW
G
1
8
1
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)
18
7
6
5
2
3
4
(Top View)
Current Sense
Input A
Current Threshold
Adjust
Compensation
Drive Output
GND
VCC
Current Sense Input B/
Voltage Threshold Adjust
Voltage Sense Input


Similar Part No. - MC33341_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341D ONSEMI-MC33341D Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
MC33341P ONSEMI-MC33341P Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
More results

Similar Description - MC33341_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33341 ONSEMI-MC33341 Datasheet
369Kb / 20P
POWER SUPPLY BATTERY CHARGER REGULATION CONTROL CIRCUIT
1998 REV 1
logo
NXP Semiconductors
TEA1088T PHILIPS-TEA1088T Datasheet
1Mb / 19P
SMPS battery charger control circuit
April 1991
logo
Anpec Electronics Corop...
APL3201 ANPEC-APL3201 Datasheet
255Kb / 16P
Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
STBC21 STMICROELECTRONICS-STBC21 Datasheet
1Mb / 54P
LI battery charger with thermal regulation
07-Jun-2012
logo
Anpec Electronics Corop...
APL3202 ANPEC-APL3202 Datasheet
275Kb / 18P
Li Battery Charger with Thermal Regulation
logo
STMicroelectronics
AN2063 STMICROELECTRONICS-AN2063 Datasheet
397Kb / 15P
The new regulation on the power supply standby consumption for the battery charger
10-Nov-2014
logo
Maxim Integrated Produc...
MAX17201G MAXIM-MAX17201G Datasheet
2Mb / 24P
Battery charger or power supply
Rev 1; 4/16
logo
Gamewell-FCI by Honeywe...
PM-9G GAMEWELL-FCI-PM-9G Datasheet
65Kb / 1P
PM-9G Power Supply and Battery Charger
logo
Shenzhen Huazhimei Semi...
HM5053 HMSEMI-HM5053 Datasheet
3Mb / 6P
High-precision linear lithium battery charger control circuit
logo
Maxim Integrated Produc...
MAX17055GEVKIT MAXIM-MAX17055GEVKIT Datasheet
1Mb / 19P
Battery charger or power supply
Rev 0; 1/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com