Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33341 Datasheet(PDF) 14 Page - ON Semiconductor

Part # MC33341
Description  Power Supply Battery Charger Regulation Control Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33341 Datasheet(HTML) 14 Page - ON Semiconductor

Back Button MC33341_06 Datasheet HTML 10Page - ON Semiconductor MC33341_06 Datasheet HTML 11Page - ON Semiconductor MC33341_06 Datasheet HTML 12Page - ON Semiconductor MC33341_06 Datasheet HTML 13Page - ON Semiconductor MC33341_06 Datasheet HTML 14Page - ON Semiconductor MC33341_06 Datasheet HTML 15Page - ON Semiconductor MC33341_06 Datasheet HTML 16Page - ON Semiconductor MC33341_06 Datasheet HTML 17Page - ON Semiconductor MC33341_06 Datasheet HTML 18Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MC33341
http://onsemi.com
14
R3
Load
R1
Battery or
Resistive
Load
Source
Return
Source
R2
RS
Comp
The above figure shows the MC33341 configured for load low−side current sensing with an externally adjustable voltage and current
threshold. Operation of this circuit is similar to that of Figure 20. The respective voltage and current regulation threshold can be adjusted
over a range of 0 to 1.2 V and 0 V to 200 mV, with respect to Pin 4.
V
I
Load
87
6
5
12
3
4
R
R
R
R
R
VCC
VCC
VCC
VCC
VCC
VCC
0.4 V
1.2 V
R
0.2 V
VCC
0.2 V 0.4 V 1.2 V
VCC
1.2 V
VCC
Inverting Amp
Transconductance
Amp
Differential Amp
Disable Logic
Differential Amp
Opto
Isolator
Vsen
Vth
Isen
Ith
Reference
Figure 21. Load Low−Side Current Sensing with
Externally Adjustable Current and Voltage Thresholds
Vreg + Vth(Pin6)
R2
R1
) 1
Ireg +
V
th(Pin2)
R
S
R3
+
I
pk
R
S
– 0.6
0.02
Current
Control
Voltage
Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com