Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKB4313D Datasheet(PDF) 10 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 10 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 6Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 7Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 8Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 9Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 10Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 11Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 12Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 13Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 14Page - Flex Power Modules. FLEX LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Typical Characteristics
12.0 V, 22 A / 264 W
PKB4213D
Efficiency
Power Dissipation
Efficiency vs. load current and input voltage at TP1 = +25
°C.
Dissipated power vs. load current and input voltage at
TP1 = +25°C.
Output Characteristics
Available Power
Output voltage vs. load current at TP1 = +25°C.
Output power vs. input voltage at TP1 = +25°C.
Current Limit Characteristics
Output voltage vs. load current at IO > max IO, TP1 = +25°C.
88
90
92
94
96
98
0
5
10
15
20
[%]
[A]
36 V
48 V
53 V
75 V
0
2
4
6
8
10
12
14
16
0
5
10
15
20
[W]
[A]
36 V
48 V
53 V
75 V
11.80
11.90
12.00
12.10
12.20
0
5
10
15
20
[V]
[A]
36 V
48 V
53 V
75 V
220
240
260
280
300
35
40
45
50
55
60
65
70
75
[W]
[V]
3.00
5.00
7.00
9.00
11.00
13.00
22
24
26
28
30
32
[V]
[A]
36 V
48 V
53 V
75 V
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com