Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKB4313D Datasheet(PDF) 26 Page - Flex Power Modules. FLEX LTD.

Part # PKB4313D
Description  Fully regulated DC-DC Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEX [Flex Power Modules. FLEX LTD.]
Direct Link  https://flexpowermodules.com/
Logo FLEX - Flex Power Modules. FLEX LTD.

PKB4313D Datasheet(HTML) 26 Page - Flex Power Modules. FLEX LTD.

Back Button PKB4313D Datasheet HTML 20Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 21Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 22Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 23Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 24Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 25Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 26Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 27Page - Flex Power Modules. FLEX LTD. PKB4313D Datasheet HTML 28Page - Flex Power Modules. FLEX LTD.  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Soldering Information - Hole Mounting
The hole mounted product is intended for plated through hole
mounting by wave or manual soldering. The pin temperature is
specified to maximum to 270°C for maximum 10 seconds.
A maximum preheat rate of 4°C/s and maximum preheat
temperature of 150°C is suggested. When soldering by hand,
care should be taken to avoid direct contact between the hot
soldering iron tip and the pins for more than a few seconds in
order to prevent overheating.
A no-clean flux is recommended to avoid entrapment of
cleaning fluids in cavities inside the product or between the
product and the host board. The cleaning residues may affect
long time reliability and isolation voltage.
Delivery Package Information
The products are delivered in antistatic injection molded trays
(Jedec design guide 4.10D standard) and in antistatic trays.
Tray Specifications – SMD
Material
Antistatic PPE
Surface resistance
105 < Ohm/square < 1012
Bakability
The trays can be baked at maximum
125°C for 48 hours
Tray thickness
17.40 mm 0.685 [ inch]
Box capacity
100 products (5 full trays/box)
Tray weight
125 g empty, 605 g full tray
JEDEC standard tray for 2x10 = 20 products.
All dimensions in mm [inch]
Tolerances: X.x ±0.26 [0.01], X.xx ±0.13 [0.005]
Note: pick up positions refer to center of pocket.
See mechanical drawing for exact location on
product.
PKB4000D series Fully regulated DC-DC Converters
Input 36-75 V, Output up to 25 A / 300 W
28701-BMR674 01 Rev G
July 2019
© Flex
Technical Specification
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com