Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8593SEFT/V Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 98 page
background image
Product Preview
WM8593
w
PP Rev 1.0 January 2007
55
POP AND CLICK PERFORMANCE
The WM8593 includes a number of features designed to minimise pops and clicks in various phases
of operation including power up, power down, changing analogue paths and starting/stopping clocks.
In order to ensure optimum performance, the following sequences should be followed.
POWERUP SEQUENCE
1.
Apply power to the WM8593 (see Power On Reset).
2.
Set-up initial internal biases:
•
SOFT_ST=1
•
FAST_EN=1
•
POBCTRL=1
3.
Enable output drivers to allow the AC coupling capacitors at the output stage to be pre-
charged to DACVMID:
•
VOUTxL_EN=1
•
VOUTxR_EN=1
4.
Enable DACVMID. 500k selected here for optimum pop reduction:
•
VMID_SEL=10
5.
Wait until DACVMID has fully charged. The time is dependent on the capacitor values
used to AC-couple the outputs and to decouple DACVMID, and the VMID_SEL value
chosen. An approximate delay of 6xRCms can be used, where R is the DACVMID
resistance and C is the decoupling capacitor on DACVMID. For DACVMID resistance of
50k
Ω and C=4.7uF, the delay should be approximately 1.5 seconds.
•
Insert delay
6.
Enable the master bias and DACVMID buffer:
•
BIAS_EN=1
•
BUFIO_EN=1
7.
Switch the output drivers to use the master bias instead of the power up (fast) bias:
•
POBCTRL=0
8.
Enable all functions (DACs, ADC, PGAs) required for use. Outputs are muted by default so
the write order is not important.
9.
Unmute the outputs and switch DACVMID resistance to 50k for normal operation:
•
VOUTxL_MUTE=0
•
VOUTxR_MUTE=0
•
VMID_SEL=01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com