Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8593SEFT/V Datasheet(PDF) 90 Page - Wolfson Microelectronics plc

Part # WM8593SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8593SEFT/V Datasheet(HTML) 90 Page - Wolfson Microelectronics plc

Back Button WM8593SEFT/V Datasheet HTML 86Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 87Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 88Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 89Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 90Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 91Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 92Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 93Page - Wolfson Microelectronics plc WM8593SEFT/V Datasheet HTML 94Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 98 page
background image
WM8593
Product Preview
w
PP Rev 1.0 January 2007
90
R45 (2Dh) – Audio Interface MUX Configuration Register 9 (AIF_MUX9)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
GPIO1_UPD
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
GPIO1_SEL[2:0]
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
GPIO1_SEL[2:0]
GPIO1 Pin Function Select
000 = Source DIO1
001 = Source DIO2
010 = Source DIO3
011 = Source DIO4
100 = Source DIO5
101 = Input to WM8593
110 = Source GPIO2
111 = Source ADC Data Output
GPIO1_UPD
GPIO1 Update
0 = Latch corresponding GPIO1 settings into Register Map but do not update
1 = Latch corresponding GPIO1 settings into Register Map and update
Figure 61 R45 – Audio Interface MUX Configuration Register 9
R46 (2Eh) – Audio Interface MUX Configuration Register 10 (AIF_MUX10)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
GPIO2_UPD
N/A
N/A
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
GPIO2_SEL[2:0]
N/A
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
Function
Description
GPIO2_SEL[2:0]
GPIO2 Pin Function Select
000 = Source DIO1
001 = Source DIO2
010 = Source DIO3
011 = Source DIO4
100 = Source DIO5
101 = Input to WM8593
110 = Source GPIO2
111 = Source ADC Data Output
GPIO2_UPD
GPIO2 Update
0 = Latch corresponding GPIO2 settings into Register Map but do not update
1 = Latch corresponding GPIO2 settings into Register Map and update all simultaneously
Figure 62 R46 – Audio Interface MUX Configuration Register 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com