Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8718 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
11
3-WIRE SERIAL CONTROL INTERFACE TIMING
LATCH
SCLK
SDIN
t
CSL
t
DHO
t
DSU
t
CSH
t
SCY
t
SCH
t
SCL
t
SCS
LSB
t
CSS
Figure 3 Program Register Input Timing - 3-Wire Serial Control Mode
Test Conditions
AVDD = 5V, DVDD = 3.3V, AGND, DGND = 0V, TA = +25
oC, fs = 48kHz, MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Program Register Input Information
SCLK rising edge to LATCH
rising edge
tSCS
40
ns
SCLK pulse cycle time
tSCY
80
ns
SCLK pulse width low
tSCL
20
ns
SCLK pulse width high
tSCH
20
ns
SDIN to SCLK set-up time
tDSU
20
ns
SCLK to SDIN hold time
tDHO
20
ns
LATCH pulse width low
tCSL
20
ns
LATCH pulse width high
tCSH
20
ns
LATCH rising to SCLK rising
tCSS
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com