Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8718 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
16
DSP MODE A
In DSP Mode A, the first bit is sampled on the BCKIN rising edge following the one that detects a
low to high transition on LRCIN. No BCKIN edges are allowed between the data words. The word
order is DIN left, DIN right.
LRCIN
BCKIN
DIN
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1 BCKIN
1 BCKIN
Figure 10 DSP Mode A Timing Diagram
DSP MODE B
In DSP Mode B, the first bit is sampled on the BCKIN rising edge, which detects a low to high
transition on LRCIN. No BCKIN edges are allowed between the data words. The word order is
DIN left, DIN right.
LRCIN
BCKIN
DIN
Input Word Length (IWL)
1/fs
LEFT CHANNEL
n
2
1
n-1
LSB
MSB
n
2
1
n-1
RIGHT CHANNEL
NO VALID DATA
1
Figure 11 DSP Mode B Timing Diagram
AUDIO DATA SAMPLING RATES
The master clock for WM8718 can range from 128fs to 768fs where fs is the audio sampling
frequency (LRCIN), typically 32kHz, 44.1kHz, 48kHz, 96kHz or 192kHz. The master clock is used
to operate the digital filters and the noise shaping circuits.
The WM8718 has a master clock detection circuit that automatically determines the relationship
between the master clock frequency and the sampling rate (to within +/- 32 system clocks). If
there is greater than 32 clocks error, the system will default to 768fs. The master clock should be
synchronised with LRCIN, although the WM8718 is tolerant of phase differences or jitter on this
clock. See Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com