Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8718 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8718
Description  24 Bit Differential Stereo DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8718 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8718 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8718 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
WM8718
Production Data
w
PD Rev 4.3 November 2006
19
REGISTER
ADDRESS
(A3,A2,A1,A0)
BITS
NAME
DEFAULT
DESCRIPTION
[3:2]
FMT[1:0]
10
Audio Data Format Select.
00: right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode
4
LRP
0
Polarity Select for LRCIN/DSP Mode Select.
0: normal LRCIN polarity/DSP late mode
1: inverted LRCIN polarity/DSP early mode
5
ATC
0
Attenuator Control.
0: All DACs use attenuation as programmed.
1: Right channel DACs use corresponding left DAC
attenuation
6
BCP
0
BCKIN Polarity
0: normal polarity
1: inverted polarity
7
REV
0
Output Phase Reversal, see Table 10
Table 3 Register Bit Descriptions
ATTENUATION CONTROL
Each DAC channel can be attenuated digitally before being applied to the digital filter.
Attenuation is 0dB by default but can be set between 0 and 127.5dB in 0.5dB steps using the 8
Attenuation control bits. All attenuation registers are double latched allowing new values to be
pre-latched to both channels before being updated synchronously. Setting the UPDATE bit on
any attenuation write will cause all pre-latched values to be immediately applied to the DAC
channels.
REGISTER
ADDRESS
BITS
LABEL
DEFAULT
DESCRIPTION
[7:0]
LAT[7:0]
11111111 (0dB)
Attenuation data for Left Channel DACL in 0.5dB steps.
0000
Attenuation
DACL
8
UPDATEL
0
Controls simultaneous update of all Attenuation Latches
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on all channels.
[7:0]
RAT[7:0]
11111111 (0dB)
Attenuation data for Right channel DACR in 0.5dB steps.
0001
Attenuation
DACR
8
UPDATER
0
Controls simultaneous update of all Attenuation Latches
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on all channels.
Table 4 Attenuation Register Map
Note:
1.
The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-latch but not applied to the
relevant DAC. If UPDATE=1, all pre-latched values and the current value being written will be applied on the next input
sample.
2.
Care should be used in reducing the attenuation as rapid large volume changes can introduce zipper noise if the ZCDINIT
register bit has been set, (disabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com