Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 77Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 78Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 79Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 80Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 81Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 82Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 83Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 84Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 241 page
background image
81
4341F–MP3–03/06
AT8xC51SND2C/MP3B
15. DAC and PA Interface
The AT8xC51SND2C implements a stereo Audio Digital-to-Analog Converter and Audio Power
Amplifier targeted for Li-Ion or Ni-Mh battery powered devices.
Figure 15-1. Audio Interface Block Diagram
15.1
DAC
The Stereo DAC section is a complete high performance, stereo, audio digital-to-analog con-
verter delivering 93 dB Dynamic Range. It comprises a multibit sigma-delta modulator with
dither, continuous time analog filters and analog output drive circuitry. This architecture provides
a high insensitivity to clock jitter. The digital interpolation filter increases the sample rate by a
factor of 8 using 3 linear phase half-band filters cascaded, followed by a first order SINC interpo-
lator with a factor of 8. This filter eliminates the images of baseband audio, remaining only the
image at 64x the input sample rate, which is eliminated by the analog post filter. Optionally, a
dither signal can be added that may reduce eventual noise tones at the output. However, the
use of a multibit sigma-delta modulator already provides extremely low noise tones energy.
Master clock is 128 up to 512 times the input data rate allowing choice of input data rate up to 50
kHz, including standard audio rates of 48, 44.1, 32, 16 and 8 kHz. The DAC section is followed
by a volume and mute control and can be simultaneously played back directly through a Stereo
32
Ω Headset pair of drivers. The Stereo 32Ω Headset pair of drivers also includes a mixer of a
LINEL and LINER pair of stereo inputs as well as a differential monaural auxiliary input (line
level).
MP3
I2S/PCM
Audio
DSEL
DCLK
SCLK
DOUT
Audio
Decoder
Interface
PA
Audio
DAC
Unit
HSR
HSL
AUXP
AUXN
LINEL
LINER
MONOP
MONON
PAINP
PAINN
HPP
HPN
AUDCDIN
AUDCCLK
AUDCCS
AUDCDOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com