Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT83SND2CMP3B Datasheet(PDF) 162 Page - ATMEL Corporation

Part # AT83SND2CMP3B
Description  Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT83SND2CMP3B Datasheet(HTML) 162 Page - ATMEL Corporation

Back Button AT83SND2CMP3B Datasheet HTML 158Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 159Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 160Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 161Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 162Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 163Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 164Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 165Page - ATMEL Corporation AT83SND2CMP3B Datasheet HTML 166Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 241 page
background image
162
4341F–MP3–03/06
AT8xC51SND2C/MP3B
Figure 19-9.
Master SPI Polling Flows
19.3.5
Master Mode with Interrupt
Figure 19-10 shows the initialization phase and the transfer phase flows using the interrupt.
Using this flow prevents any overrun error occurrence.
The bit rate is selected according to Table 19-1.
The transfer format depends on the slave peripheral.
SS may be deasserted between transfers depending also on the slave peripheral.
Reading SPSTA at the beginning of the ISR is mandatory for clearing the SPIF flag. Clear is
effective when reading SPDAT.
SPI Initialization
Polling Policy
Disable interrupt
SPIE = 0
SPI Transfer
Polling Policy
End Of Transfer?
SPIF = 1?
Select Master Mode
MSTR = 1
Select Bit Rate
program SPR2:0
Select Format
program CPOL & CPHA
Enable SPI
SPEN = 1
Select Slave
Pn.x = L
Start Transfer
write data in SPDAT
Last Transfer?
Get Data Received
read SPDAT
Deselect Slave
Pn.x = H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com