Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M01 Datasheet(PDF) 39 Page - Texas Instruments

Part # AMC131M01
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AMC131M01 Datasheet HTML 35Page - Texas Instruments AMC131M01 Datasheet HTML 36Page - Texas Instruments AMC131M01 Datasheet HTML 37Page - Texas Instruments AMC131M01 Datasheet HTML 38Page - Texas Instruments AMC131M01 Datasheet HTML 39Page - Texas Instruments AMC131M01 Datasheet HTML 40Page - Texas Instruments AMC131M01 Datasheet HTML 41Page - Texas Instruments AMC131M01 Datasheet HTML 42Page - Texas Instruments AMC131M01 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
Table 8-7. CRC Types
CRC TYPE
POLYNOMIAL
BINARY POLYNOMIAL
CCITT CRC
x16 + x12 + x5 + 1
0001 0000 0010 0001
ANSI CRC
x16 + x15 + x2 + 1
1000 0000 0000 0101
8.5.1.11 SPI Timeout
The AMC131M01 features an SPI timeout as a means to recover SPI communication, especially in situations
where CS is permanently tied low. Enable the SPI timeout using the TIMEOUT bit in the MODE register. When
enabled, the entire SPI frame (first SCLK to last SCLK) must complete in 215 MCLK cycles, otherwise the SPI
logic resets. When a timeout happens, the device starts interpreting the data starting with the next SCLK as a
new SPI frame.
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com