Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M01 Datasheet(PDF) 48 Page - Texas Instruments

Part # AMC131M01
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AMC131M01 Datasheet HTML 44Page - Texas Instruments AMC131M01 Datasheet HTML 45Page - Texas Instruments AMC131M01 Datasheet HTML 46Page - Texas Instruments AMC131M01 Datasheet HTML 47Page - Texas Instruments AMC131M01 Datasheet HTML 48Page - Texas Instruments AMC131M01 Datasheet HTML 49Page - Texas Instruments AMC131M01 Datasheet HTML 50Page - Texas Instruments AMC131M01 Datasheet HTML 51Page - Texas Instruments AMC131M01 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 81 page
background image
8.6 AMC131M01 Registers
Table 8-11 lists the memory-mapped registers for the AMC131M01 registers. All register offset addresses not
listed in Table 8-11 should be considered as reserved locations and the register contents should not be modified.
Table 8-11. Register Map
Address
Acronym
Reset
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00h
ID
Xb
RESERVED
CHANCNT[3:0]
RESERVED
01h
STATUS
0540h
LOCK
F_RESYNC
REG_MAP
CRC_ERR
CRC_TYPE
RESET
WLENGTH[1:0]
FUSE_FAIL
SEC_FAIL
RESERVED
DRDY0
02h
MODE
0510h
RESERVED
REG_CRC_EN
RX_CRC_EN
CRC_TYPE
RESET
WLENGTH[1:0]
RESERVED
TIMEOUT
RESERVED
DRDY_HiZ
DRDY_FMT
03h
CLOCK
010Eh
RESERVED
CH0_EN
CLK_DIV[1:0]
TURBO
OSR[2:0]
PWR[1:0]
04h
GAIN
0000h
RESERVED
RESERVED
PGAGAIN0[2:0]
06h
CFG
0600h
RESERVED
GPO_EN
GPO_DAT
GC_DLY[3:0]
GC_EN
RESERVED
09h
CH0_CFG
0000h
RESERVED
RESERVED
MUX0[1:0]
0Ah
CH0_OCAL_MSB
0000h
OCAL0_MSB[15:0]
OCAL0_MSB[15:0]
0Bh
CH0_OCAL_LSB
0000h
OCAL0_LSB[7:0]
RESERVED
0Ch
CH0_GCAL_MSB
8000h
GCAL0_MSB[15:0]
GCAL0_MSB[15:0]
0Dh
CH0_GCAL_LSB
0000h
GCAL0_LSB[7:0]
RESERVED
31h
DCDC_CTRL
0000h
RESERVED
DCDC_FREQ[3:0]
RESERVED
DCDC_EN
3Eh
REGMAP_CRC
0000h
REG_CRC[15:0]
REG_CRC[15:0]
Complex bit access types are encoded to fit into small table cells. Table 8-12 shows the codes that are used for
access types in this section.
Table 8-12. AMC131M01 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
AMC131M01
SBASA57 – SEPTEMBER 2023
www.ti.com
48
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com