Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC131M01 Datasheet(PDF) 23 Page - Texas Instruments

Part # AMC131M01
Description  AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M01 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC131M01 Datasheet HTML 19Page - Texas Instruments AMC131M01 Datasheet HTML 20Page - Texas Instruments AMC131M01 Datasheet HTML 21Page - Texas Instruments AMC131M01 Datasheet HTML 22Page - Texas Instruments AMC131M01 Datasheet HTML 23Page - Texas Instruments AMC131M01 Datasheet HTML 24Page - Texas Instruments AMC131M01 Datasheet HTML 25Page - Texas Instruments AMC131M01 Datasheet HTML 26Page - Texas Instruments AMC131M01 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 81 page
background image
Table 8-3. Modulator Clock Frequency Range
Selection for DC/DC Synchronization
MODULATOR CLOCK
FREQUENCY (MHz)
DCDC_FREQ[3:0] BIT SETTING
3.768 MHz to 4.100 MHz
0000b
3.366 MHz to 3.768 MHz
0001b
3.041 MHz to 3.366 MHz
0010b
2.773 MHz to 3.041 MHz
0011b
2.549 MHz to 2.773 MHz
0100b
2.358 MHz to 2.549 MHz
0101b
2.194 MHz to 2.358 MHz
0110b
2.051 MHz to 2.194 MHz
0111b
1.926 MHz to 2.051 MHz
1000b
1.815 MHz to 1.926 MHz
1001b
1.716 MHz to 1.815 MHz
1010b
1.627 MHz to 1.716 MHz
1011b
1.547 MHz to 1.627 MHz
1100b
1.475 MHz to 1.547 MHz
1101b
1.409 MHz to 1.475 MHz
1110b
1.400 MHz to 1.409 MHz
1111b
8.3.10 ΔΣ Modulator
The AMC131M01 uses a delta-sigma (ΔΣ) modulator to convert the analog input voltage to a one's density
modulated digital bitstream. The ΔΣ modulator oversamples the input voltage at a frequency many times greater
than the output data rate. The modulator frequency, fMOD, of the AMC131M01 is derived from the main clock
frequency (provided at the CLKIN pin) with the user-programmable clock divider; see the Clocking and Power
Modes section.
The output of the modulator is fed back to the modulator input through a digital-to-analog converter (DAC) as a
means of error correction. This feedback mechanism shapes the modulator quantization noise in the frequency
domain to make the noise more dense at higher frequencies and less dense in the band of interest. The digital
decimation filter following the ΔΣ modulator significantly attenuates the out-of-band modulator quantization
noise, allowing the device to provide excellent dynamic range.
8.3.11 Digital Filter
The ΔΣ modulator bitstream feeds into a digital filter. The digital filter is a linear-phase, finite impulse response
(FIR), low-pass, sinc-type filter that attenuates the out-of-band quantization noise of the ΔΣ modulator. The
digital filter demodulates the output of the ΔΣ modulator by averaging. The data passing through the filter are
decimated and downsampled to reduce the rate at which data come out of the modulator (fMOD) to the output
data rate (fDATA). The decimation factor is defined as per Equation 5 and is called the oversampling ratio (OSR).
OSR = fMOD / fDATA
(5)
The OSR is configurable and set by the OSR[2:0] bits in the CLOCK register. By setting the OSR[2:0] bits,
the OSR can be configured in values ranging from 128 to 16384 in binary steps. In addition, the OSR can be
configured to a value of 64 by setting the TURBO bit in the CLOCK register (turbo mode). Therefore in total,
there are nine OSR settings in the AMC131M01, allowing nine different data rate settings for any given main
clock frequency. Table 8-4 lists the OSR settings and the corresponding output data rates for the nominal CLKIN
frequencies mentioned, assuming the programmable clock divider is set to NDIV = 2.
The OSR determines the amount of averaging of the modulator output in the digital filter and, therefore, also
the filter bandwidth. The filter bandwidth directly affects the noise performance of the ADC because lower
www.ti.com
AMC131M01
SBASA57 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC131M01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com