Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5813 Datasheet(PDF) 52 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 52 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 48Page - Texas Instruments LP5813 Datasheet HTML 49Page - Texas Instruments LP5813 Datasheet HTML 50Page - Texas Instruments LP5813 Datasheet HTML 51Page - Texas Instruments LP5813 Datasheet HTML 52Page - Texas Instruments LP5813 Datasheet HTML 53Page - Texas Instruments LP5813 Datasheet HTML 54Page - Texas Instruments LP5813 Datasheet HTML 55Page - Texas Instruments LP5813 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
10.2.4 Application Performance Plots
The following figures show the application performance plots.
PWM frequency = 24 kHz
LED_A0/A1/A2
enable
led_mode = 4h
Figure 10-5. Scan Lines and Current Sinks
Waveforms of OUT0, OUT1, OUT2, OUT3
PWM frequency = 12 kHz
LED_A0/A1/A2
enable
led_mode = 4h
Figure 10-6. Scan Lines and Current Sinks
Waveforms of OUT0, OUT1, OUT2, OUT3
Switch blank time tSW_BLK = 1 μs
Figure 10-7. Scan Lines Switching Waveforms of
OUT0, OUT1, OUT2, OUT3
Switch blank time tSW_BLK = 2 μs
Figure 10-8. Scan Lines Switching Waveforms of
OUT0, OUT1, OUT2, OUT3
phase_align_a0 = 0h, phase_align_a1 = 0h, phase_align_a2
= 0h, PWM = 127
Figure 10-9. PWM Alignment Disabled
phase_align_a0 = 1h, phase_align_a1 = 2h, phase_align_a2
= 3h, PWM = 127
Figure 10-10. PWM Alignment Enabled
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com