Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5813 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 3Page - Texas Instruments LP5813 Datasheet HTML 4Page - Texas Instruments LP5813 Datasheet HTML 5Page - Texas Instruments LP5813 Datasheet HTML 6Page - Texas Instruments LP5813 Datasheet HTML 7Page - Texas Instruments LP5813 Datasheet HTML 8Page - Texas Instruments LP5813 Datasheet HTML 9Page - Texas Instruments LP5813 Datasheet HTML 10Page - Texas Instruments LP5813 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
Unless specified otherwise, typical characteristics apply over the full ambient temperature range (–40°C < TA < +85°C ), VIN
= 3.6 V, VCC = 5 V, CIN = 1 μF, COUT = 1 μF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IERR_D2D
Device to device current error,
IERR_D2D = (IAVE-ISET)/ISET×100%
All LEDs turn ON. Current set to 0.1 mA
(max_current = 0, manual_dc_x = 01h,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 0.2 mA
(max_current = 1, manual_dc_x = 01h,
manual_pwm_x = FFh)
–3
3
%
IERR_D2D
Device to device current error,
IERR_D2D = (IAVE-ISET)/ISET×100%
All LEDs turn ON. Current set to 1 mA
(max_current = 0, manual_dc_x = 0Ah,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 1 mA
(max_current = 1, manual_dc_x = 05h,
manual_pwm_x = FFh)
–3
3
%
All LEDs turn ON. Current set to 25.5 mA
(max_current = 0, manual_dc_x = FFh,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 51 mA
(max_current = 1, manual_dc_x = FFh,
manual_pwm_x = FFh)
–3
3
%
IERR_C2C
Channel to Channel current error
IERR_C2C = (IOUTX-IAVE)/IAVE×100%
All LEDs turn ON. Current set to 0.1 mA
(max_current = 0, manual_dc_x = 01h,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 0.2 mA
(max_current = 1, manual_dc_x = 01h,
manual_pwm_x = FFh)
–3
3
%
IERR_C2C
Channel to Channel current error
IERR_C2C = (IOUTX-IAVE)/IAVE×100%
All LEDs turn ON. Current set to 1 mA
(max_current = 0, manual_dc_x = 0Ah,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 1 mA
(max_current = 1, manual_dc_x = 05h,
manual_pwm_x = FFh)
–3
3
%
All LEDs turn ON. Current set to 25.5 mA
(max_current = 0, manual_dc_x = FFh,
manual_pwm_x = FFh)
–5
5
%
All LEDs turn ON. Current set to 51 mA
(max_current = 1, manual_dc_x = FFh,
manual_pwm_x = FFh)
–3
3
%
VHR
LED driver output hearroom voltage
All LEDs turn ON. Current set to 25.5 mA
(max_current = 0, manual_dc_x = FFh)
0.11
0.15
V
All LEDs turn ON. Current set to 51 mA
(max_current = 1, manual_dc_x = FFh)
0.21
0.28
V
fLED_PWM
LED PWM frequency
pwm_fre = 0
24
kHz
pwm_fre = 1
12
kHz
fOSC
Internal oscillator frequency
vsync_out_en = 1
6
MHz
Logic Interface
VEN_H
EN logic high
VIN > 1.8 V
1.2
V
VEN_L
EN logic low
VIN > 1.8 V
0.35
V
VIH_LOGIC
High level input voltage of SDA, SCL,
SYNC
1.4
V
VIL_LOGIC
Low level input voltage of SDA, SCL,
SYNC
0.4
V
VOH_LOGIC High level output voltage of SYNC
VVOUT -
0.2
V
VOL_LOGIC
Low level output voltage of SDA, SYNC
0.4
V
Protection
www.ti.com
LP5813
SNVSC74 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com