Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5813 Datasheet(PDF) 30 Page - Texas Instruments

Part # LP5813
Description  LP5813 Synchronous Boost 4 × 3 Matrix RGB LED Driver With Autonomous Control
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP5813 Datasheet(HTML) 30 Page - Texas Instruments

Back Button LP5813 Datasheet HTML 26Page - Texas Instruments LP5813 Datasheet HTML 27Page - Texas Instruments LP5813 Datasheet HTML 28Page - Texas Instruments LP5813 Datasheet HTML 29Page - Texas Instruments LP5813 Datasheet HTML 30Page - Texas Instruments LP5813 Datasheet HTML 31Page - Texas Instruments LP5813 Datasheet HTML 32Page - Texas Instruments LP5813 Datasheet HTML 33Page - Texas Instruments LP5813 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
Register Acronym
Address Type D7
D6
D5
D4
D3
D2
D1
D0
Default
Auto_DC_4
054h
R/W
auto_dc_a0
00h
Auto_DC_5
055h
R/W
auto_dc_a1
00h
Auto_DC_6
056h
R/W
auto_dc_a2
00h
Auto_DC_7
057h
R/W
auto_dc_b0
00h
Auto_DC_8
058h
R/W
auto_dc_b1
00h
Auto_DC_9
059h
R/W
auto_dc_b2
00h
Auto_DC_10
05Ah
R/W
auto_dc_c0
00h
Auto_DC_11
05Bh
R/W
auto_dc_c1
00h
Auto_DC_12
05Ch
R/W
auto_dc_c2
00h
Auto_DC_13
05Dh
R/W
auto_dc_d0
00h
Auto_DC_14
05Eh
R/W
auto_dc_d1
00h
Auto_DC_15
05Fh
R/W
auto_dc_d2
00h
LED_0_Autonomous_Animation Registers
LED_0_Auto_Paus
e
080h
R/W
led_0_pause_start
led_0_pause_stop
00h
LED_0_Auto_Playb
ack
081h
R/W
Reserved
led_0_aeu_num
LED_0_pt
00h
LED_0_AEU1_PWM
_1
082h
R/W
led_0_aeu1_pwm1
00h
LED_0_AEU1_PWM
_2
083h
R/W
led_0_aeu1_pwm2
00h
LED_0_AEU1_PWM
_3
084h
R/W
led_0_aeu1_pwm3
00h
LED_0_AEU1_PWM
_4
085h
R/W
led_0_aeu1_pwm4
00h
LED_0_AEU1_PWM
_5
086h
R/W
led_0_aeu1_pwm5
00h
LED_0_AEU1_T12
087h
R/W
led_0_aeu1_t2
led_0_aeu1_t1
00h
LED_0_AEU1_T34
088h
R/W
led_0_aeu1_t4
led_0_aeu1_t3
00h
LED_0_AEU1_Play
back
089h
R/W
Reserved
led_0_aeu1_pt
00h
LED_0_AEU2_PWM
_1
08Ah
R/W
led_0_aeu2_pwm1
00h
LED_0_AEU2_PWM
_2
08Bh
R/W
led_0_aeu2_pwm2
00h
LED_0_AEU2_PWM
_3
08Ch
R/W
led_0_aeu2_pwm3
00h
LED_0_AEU2_PWM
_4
08Dh
R/W
led_0_aeu2_pwm4
00h
LED_0_AEU2_PWM
_5
08Eh
R/W
led_0_aeu2_pwm5
00h
LED_0_AEU2_T12
08Fh
R/W
led_0_aeu2_t2
led_0_aeu2_t1
00h
LED_0_AEU2_T34
090h
R/W
led_0_aeu2_t4
led_0_aeu2_t3
00h
LED_0_AEU2_Play
back
091h
R/W
Reserved
led_0_aeu2_pt
00h
LED_0_AEU3_PWM
_1
092h
R/W
led_0_aeu3_pwm1
00h
LED_0_AEU3_PWM
_2
093h
R/W
led_0_aeu3_pwm2
00h
LED_0_AEU3_PWM
_3
094h
R/W
led_0_aeu3_pwm3
00h
LP5813
SNVSC74 – SEPTEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LP5813



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com