Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8315ARMZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD8315ARMZ
Description  50 dB GSM PA Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8315ARMZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8315ARMZ Datasheet HTML 14Page - Analog Devices AD8315ARMZ Datasheet HTML 15Page - Analog Devices AD8315ARMZ Datasheet HTML 16Page - Analog Devices AD8315ARMZ Datasheet HTML 17Page - Analog Devices AD8315ARMZ Datasheet HTML 18Page - Analog Devices AD8315ARMZ Datasheet HTML 19Page - Analog Devices AD8315ARMZ Datasheet HTML 20Page - Analog Devices AD8315ARMZ Datasheet HTML 21Page - Analog Devices AD8315ARMZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8315
Rev. C | Page 18 of 24
NC = NO CONNECT
RFIN
ENBL
VSET
VPOS
VAPC
NC
COMM
FLTR
1
2
3
4
5
6
7
8
ENABLE
0V/2.7V
3
4
1
5
8
7
LDC15D190A0007A
2
6
ATTN
20dB
PF08107B
VCTL
VAPC
1000pF
3.5V
1000pF
0.1µF
1.5kΩ
150pF
R1
52.3Ω
49.9Ω
4.7µF
4.7µF
500Ω
AD8315
BAND
SELECT
0V/2V
POUT GSM
35dBm MAX
POUT DCS
32dBm MAX
PIN GSM
3dBm
PIN DCS
3dBm
(OPTIONAL,
SEE TEXT)
+VS
2.7V
R31
1kΩ
R21
600Ω
1R2, R3 OPTIONAL,
SEE TEXT
8-BIT
RAMP DAC
0V TO 2.55V
TO
ANTENNA
Figure 38. Dual-Mode (GSM/DCS) PA Control Example
MOBILE HANDSET POWER CONTROL EXAMPLE
Figure 38 shows a complete power amplifier control circuit for a
dual-mode handset. The PF08107B (Hitachi), a dual mode
(GSM, DCS) PA, is driven by a nominal power level of 3 dBm.
The PA has a single gain control line; the band to be used is
selected by applying either 0 V or 2 V to the PA’s VCTL input.
Some of the output power from the PA is coupled off using a
dual-band directional coupler (Murata LDC15D190A0007A).
This has a coupling factor of approximately 19 dB for the GSM
band and 14 dB for DCS and an insertion loss of 0.38 dB and
0.45 dB, respectively. Because the PF08107B transmits a maximum
power level of 35 dBm for GSM and 32 dBm for DCS, additional
attenuation of 20 dB is required before the coupled signal is
applied to the AD8315. This results in peak input levels to the
AD8315 of −4 dBm (GSM) and −2 dBm (DCS). While the
AD8315 gives a linear response for input levels up to 2 dBm,
for highly temperature-stable performance at maximum PA
output power, the maximum input level should be limited to
approximately −2 dBm (see Figure 5 and Figure 7). This does,
however, reduce the sensitivity of the circuit at the low end.
The operational setpoint voltage, in the range 250 mV to 1.4 V,
is applied to the VSET pin of the AD8315. This is typically
supplied by a DAC. The AD8315’s VAPC output drives the
level control pin of the power amplifier directly. VAPC reaches a
maximum value of approximately 2.5 V on a 2.7 V supply while
delivering the 3 mA required by the level control input of the
PA. This is more than sufficient to exercise the gain control
range of the PA.
During initialization and completion of the transmit sequence,
VAPC should be held at its minimum level of 250 mV by keeping
VSET below 200 mV.
In this example, VSET is supplied by an 8-bit DAC that has an
output range from 0 V to 2.55 V or 10 mV per bit. This sets the
control resolution of VSET to 0.4 dB/bit (0.04 dB/mV times
10 mV). If finer resolution is required, the DAC’s output voltage
can be scaled using two resistors, as shown in Figure 38. This
converts the DAC’s maximum voltage of 2.55 V down to 1.6 V
and increases the control resolution to 0.25 dB/bit.
A filter capacitor (CFLT) must be used to stabilize the loop. The
choice of CFLT depends to a large degree on the gain control
dynamics of the power amplifier, something that is frequently
poorly characterized, so some trial and error can be necessary.
In this example, a 150 pF capacitor is used and a 1.5 kΩ series
resistor is included. This adds a zero to the control loop and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com