Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2160 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 4 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
–4–
SSM2160
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
SSM2160 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage
Dual Supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Single
2 (V
S)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36 V
Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +5 V
Operating Temperature Range . . . . . . . . . . . . . . . 0
°C to 70°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature Range . . . . . . . . . . . . . –65
°C to +165°C
Lead Temperature Range (Soldering, 60 sec) . . . . . . . . 300
°C
ESD Ratings
883 (Human Body) Model . . . . . . . . . . . . . . . . . . . . . . 2.5 kV
PACKAGE THERMAL INFORMATION
Package Type
JA
3
JC
Unit
24-Lead SOIC
71
23
°C/W
NOTES
1Absolute maximum ratings apply at 25
°C, unless otherwise noted.
2V
S is the total supply span from V+ to V–.
3
JA is specified for the worst-case conditions for device soldered onto a circuit
board for SOIC packages.
PIN CONFIGURATION
24-Lead SOIC
13
16
15
14
24
23
22
21
20
19
18
17
TOP VIEW
(Not to Scale)
12
11
10
9
8
1
2
3
4
7
6
5
SSM2160
V+
MSTR SET
MSTR OUT
CH SET
AGND
VREF
CH1 OUT
CH1 IN
CH3 OUT
CH3 IN
CH5 OUT
CH5 IN
WRITE
DATA
LD
V–
CLK
DGND
CH2 OUT
CH2 IN
CH4 OUT
CH4 IN
CH6 OUT
CH6 IN
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
SSM2160S
0
°C to 70°C
24-Lead SOIC
R-24
SSM2160S-REEL
0
°C to 70°C
24-Lead SOIC
R-24
EVAL-SSM2160EB
Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com