Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2160 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 1 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
SSM2160
6-Channel, Serial Input
Master/Balance Volume Controls
FEATURES
Clickless Digitally Controlled Level Adjustment
SSM2160: 6 Channels
7-Bit Master Control Gives 128 Levels of Attenuation
5-Bit Channel Controls Give 32 Levels of Gain
Master/Channel Step Size Set by External Resistors
100 dB Dynamic Range
Automatic Power-On Mute
Excellent Audio Characteristics:
0.01% THD+N
0.001% IMD (SMPTE)
–90 dBu Noise Floor
–80 dB Channel Separation
90 dB SNR
Single-and Dual-Supply Operation
APPLICATIONS
Home Theater Receivers
Surround Sound Decoders
Circle Surround
® and AC-3® Decoders
DSP Soundfield™ Processors
HDTV and Surround TV Audio Systems
Automotive Surround Sound Systems
Multiple Input Mixer Consoles and Amplifiers
FUNCTIONAL BLOCK DIAGRAM
POWER
SUPPLY AND
REFERENCE
GENERATOR
VCA
CH1 IN
CH1 OUT
CLK
DATA
LD
WRITE
V+
V–
VREF
5-BIT
CHANNEL
DAC
VCA
CH2 IN
CH2 OUT
5-BIT
CHANNEL
DAC
VCA
CH3 IN
CH3 OUT
5-BIT
CHANNEL
DAC
VCA
CH4 IN
CH4 OUT
5-BIT
CHANNEL
DAC
VCA
CH5 IN
CH5 OUT
5-BIT
CHANNEL
DAC
VCA
CH6 IN
CH6 OUT
5-BIT
CHANNEL
DAC
7-BIT
MASTER
DAC
SHIFT REGISTER
AND
ADDRESS
DECODER
STEP SIZE
ADJUST
CH SET
MSTR SET
MSTR OUT
SSM2160
GENERAL DESCRIPTION
The SSM2160 allows digital control of volume of six audio
channels, with a master level control and individual channel
controls. Low distortion VCAs (voltage controlled amplifiers) are
used in the signal path. By using controlled rate-of-change drive
to the VCAs, the “clicking” associated with switched resistive
networks is eliminated in the master control. Each channel is
controlled by a dedicated 5-bit DAC providing 32 levels of gain.
A master 7-bit DAC feeds every control port giving 128 levels of
attenuation. Step sizes are nominally 1 dB and can be changed by
external resistors. Channel balance is maintained over the entire
master control range. Upon power-up, all outputs are automati-
cally muted. A 3-wire or 4-wire serial data bus enables interfacing
with most popular microcontrollers. Windows
® software and an
evaluation board for controlling the SSM2160 are available.
The SSM2160 can be operated from single supplies of +10 V to
+20 V or dual supplies from
±5 V to ±10 V. An on-chip reference
provides the correct analog common voltage for single-supply
applications. The SSM2160 comes in a SOIC package; see the
Ordering Guide for details.


Similar Part No. - SSM2160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2160 AD-SSM2160 Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2160P AD-SSM2160P Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2160S AD-SSM2160S Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
SSM2160S-REEL AD-SSM2160S-REEL Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
More results

Similar Description - SSM2160

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
Analog Devices
SSM2160 AD-SSM2160 Datasheet
429Kb / 16P
6- and 4-Channel, Serial Input Master/Balance Volume Controls
REV.0
logo
New Japan Radio
NJW1150 NJRC-NJW1150 Datasheet
217Kb / 17P
6-CHANNEL ELECTRONIC VOLUME
logo
Renesas Technology Corp
M51132L RENESAS-M51132L Datasheet
342Kb / 12P
2ch Electronic Volume Balance
Rev.1.0 Sep.05.2003
logo
New Japan Radio
NJW1153 NJRC-NJW1153 Datasheet
292Kb / 20P
6-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
Mitsubishi Electric Sem...
M51132L MITSUBISHI-M51132L Datasheet
519Kb / 9P
2CH ELECTRONIC VOLUME-BALANCE
M51131L MITSUBISHI-M51131L Datasheet
536Kb / 9P
2 CHANNEL ELECTRONIC VOLUME BALANCE
logo
Princeton Technology Co...
PT2325 PTC-PT2325 Datasheet
188Kb / 4P
6 Channel Volume Control
logo
MOSA ELECTRONICS
MS6720 MOSA-MS6720 Datasheet
377Kb / 12P
3 Stereo Inputs and 4-Channel Outputs Volume, Balance, Fader and Selectable Input Gain
logo
Analog Devices
SSM2161 AD-SSM2161_15 Datasheet
95Kb / 7P
6 and 4 Channel, Clickless Serial Input Balance/Master Volume Controls
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com