Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2160 Datasheet(PDF) 5 Page - Analog Devices

Part # SSM2160
Description  6-Channel, Serial Input Master/Balance Volume Controls
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2160 Datasheet(HTML) 5 Page - Analog Devices

  SSM2160 Datasheet HTML 1Page - Analog Devices SSM2160 Datasheet HTML 2Page - Analog Devices SSM2160 Datasheet HTML 3Page - Analog Devices SSM2160 Datasheet HTML 4Page - Analog Devices SSM2160 Datasheet HTML 5Page - Analog Devices SSM2160 Datasheet HTML 6Page - Analog Devices SSM2160 Datasheet HTML 7Page - Analog Devices SSM2160 Datasheet HTML 8Page - Analog Devices SSM2160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. A
SSM2160
–5–
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1V+Positive Power Supply. Refer to the Application Information section for details on the power supply.
2
AGND
Internal Ground Reference for the Audio Circuitry. When operating the SSM2160 from dual supplies,
AGND should be connected to ground. When operating from a single supply, AGND should be connected
to VREF, the internally generated voltage reference. AGND may also be connected to an external
reference. Refer to the Application Information section for more information on the power supply.
3VREF
VREF is the internally generated ground reference for the audio circuitry obtained from a buffered
divider between V+ and V–. In a dual-supply application with the AGND pin connected to ground,
VREF should be left floating. In a single-supply application, VREF should be connected to AGND. Refer
to the Application Information section for more information on the power supply.
4
CH1 OUT
Audio Output from Channel 1
5
CH1 IN
Audio Input to Channel 1
6
CH3 OUT
Audio Output from Channel 3
7
CH3 IN
Audio Input to Channel 3
8
CH5 OUT
Audio Output from Channel 5
9
CH5 IN
Audio Input to Channel 5
10
WRITE
A logic low voltage enables the SSM2160 to receive information at the DATA input (Pin 15). A logic
high retains data at their previous settings (Figure 1). Serves as CHIP SELECT.
11
LD
Loads the Information Retained by
WRITE into the SSM2160 at logic low (Figure 1).
12
V–
Negative Power Supply. Connect to ground in a single-supply application. Refer to the Application
Information section for details on the power supply.
13
DGND
Digital Ground Reference. This pin should always be connected to ground. All digital inputs, including
WRITE, LD, CLK, and DATA are TTL input compatible; drive currents are returned to DGND.
14
CLK
Clock Input. It is positive edge triggered (Figure 1).
15
DATA
Channel and master control information flows MSB first into the DATA pin. Refer to the Address/Data
Decoding Truth Table, Figure 7, for information on how to control the VCAs.
16
CH6 IN
Audio Input to Channel 6
17
CH6 OUT
Audio Output from Channel 6
18
CH4 IN
Audio Input to Channel 4
19
CH4 OUT
Audio Output from Channel 4
20
CH2 IN
Audio Input to Channel 2
21
CH2 OUT
Audio Output from Channel 2
22
MSTR SET
Connected to the inverting input of an I-V converting op amp. It is used to generate a master control
voltage from the master control DAC current output. A resistor connected from MSTR OUT to
MSTR SET reduces the step size of the master control. See the Master/Channel Step Sizes section for
more details. A 10
µF capacitor should be connected from MSTR OUT to MSTR SET to eliminate
the zipper noise in the master control.
23
MSTR OUT
Connected to the output of the I-V converting op amp. See MSTR SET description.
24
CH SET
The step size of the channel control can be increased by connecting a resistor from CH SET to V+.
No connection to CH SET is required if the default value of 1 dB per step is desired. Minimum of 10
Ω
external resistor. See the Master/Channel Step Sizes section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com