Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355 Datasheet(PDF) 73 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 73 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 69Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 70Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 71Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 72Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 73Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 74Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 75Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 76Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 77Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 115 page
background image
73
AT43USB355
2603G–USB–04/06
PortF as General
Digital I/O
PFn, General I/O Pin: In the AT43USB355E, after firmware downloading, the DDFn bit in the
DDRF register selects the direction of this pin. If DDFn is set (one), PFn is con-figured as an
output pin. If DDFn is cleared (zero), PFn is configured as an input pin. If PORTFn is set (one)
when the pin is configured as an input pin, the MOS pull-up resistor is activated. To switch the
pull-up resistor off, the PORTFn has to be cleared (zero) or the pin has to configured as an
output pin. The Port F pins are tri-stated when a reset condition becomes active, except PFO
of the AT43USB355E. This pin is dedicated as the slave select pin for the SEEPROM.
Note:
n: 3, 2, 1, pin number.
Table 29. DDFn Bits on Port F Pins
DDFn
PORTFn
I/O
Comment
0
0
Input
Tri-state (Hi-Z)
0
1
Input
PFn will source current if ext. pulled low.
1
0
Output
Push-Pull Zero Output
1
1
Output
Push-Pull One Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com