Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355 Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 78Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 79Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 80Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 81Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 82Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 83Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 84Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 85Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 115 page
background image
82
AT43USB355
2603G–USB–04/06
Function Address
Register – FADDR
The USB function contains an address register that contains the function address assigned by
the host. This Function Address Register must be programmed by the microcontroller once it
has received a SET_ADDRESS request from the host and completed the status phase of the
transaction. After power up or reset, this register will contain the value of 0x00.
Function Address Register – FADDR
• Bit 7 – FEN: Function Enable
The Function Enable bit (FEN) allows the firmware to enable or disable the function end-
points. The firmware will set this bit after receipt of a reset through the hub, SetPortFea-
ture[PORT_RESET]. Once this bit is set, the USB hardware passes to and from the host.
When the Single Address bit is set, the condition of FEN is ignored.
• Bit 6..0 – FADD6...0: Function Address[6:0]
End-point Registers
Hub End-point 0 Control Register – HEND-P0_CR
Function End-point 0 Control Register – FEND-P0_CR
• Bit 7 – EPEN: End-point Enable
0 = Disable end-point
1 = Enable end-point
• Bit 6..4 – Reserved
These bits are reserved in the AT43USB355 and will read as zero.
• Bit 3 – DTGLE: Data Toggle
Identifies DATA0 or DATA1 packets. This bit will automatically toggle and requires clearing by
the firmware only in certain special circumstances.
• Bit 2 – EPDIR: End-point Direction
0 = Out
1 = In
• Bit 1, 0 – EPTYPE: End-point Type
These bits must be programmed as 0, 0.
Bit
7
6
543
2
1
0
$1FEE
FEN
FADD6
FADD5
FADD4
FADD3
FADD2
FADD1
FADD0
FADDR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
6
543
2
1
0
$1FE7
EPEN
–
–
–
DTGLE
EPDIR
EPTYPE1
EPTYPE0
HEND-
P0_CR
$24 ($44)
EPEN
–
–
–
DTGLE
EPDIR
EPTYPE1
EPTYPE0
FEND-P0_CR
Read/Write
R/W
R
R
R
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com