Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355 Datasheet(PDF) 54 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 54 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 50Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 51Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 52Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 53Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 54Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 55Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 56Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 57Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 58Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 115 page
background image
54
AT43USB355
2603G–USB–04/06
The interconnection between master and slave CPUs with SPI is shown in Figure 19. The
PB7(SCK) pin is the clock output in the master mode and is the clock input in the slave mode.
Writing to the SPI data register of the master CPU starts the SPI clock generator, and the data
written shifts out of the PB5(MOSI) pin and into the PB5(MOSI) pin of the slave CPU. After
shifting one byte, the SPI clock generator stops, setting the end of transmission flag (SPIF). If
the SPI interrupt enable bit (SPIE) in the SPCR register is set, an interrupt is requested. The
Slave Select input, PB4(SS), is set low to select an individual slave SPI device. The two shift
registers in the Master and the Slave can be considered as one distributed 16-bit circular shift
register. This is shown in Figure 19. When data is shifted from the master to the slave, data is
also shifted in the opposite direction, simultaneously. This means that during one shift cycle,
data in the master and the slave are interchanged.
Figure 19. SPI Master/Slave Interconnection
The system is single buffered in the transmit direction and double buffered in the receive direc-
tion. This means that bytes to be transmitted cannot be written to the SPI Data Register before
the entire shift cycle is completed. When receiving data, however, a received byte must be
read from the SPI Data Register before the next byte has been completely shifted in. Other-
wise, the first byte is lost.
When the SPI is enabled, the data direction of the MOSI, MISO, SCK and SS pins is overrid-
den according to the following table:
Note:
See “Port B” on page 68 for a detailed description of how to define the direction of the user
defined SPI pins.
SCK
SCK
SS
SS
V
CC
MISO MISO
MOSI MOSI
LSB
MASTER
MSB
8-bit Shift Register
SPI
Clock Generator
LSB
SLAVE
MSB
8-bit Shift Register
Table 19. SPI Pin Overrides
Pin
Direction, Master SPI
Direction, Slave SPI
MOSI
User Defined
Input
MISO
Input
User Defined
SCK
User Defined
Input
SSN
User Defined
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com