Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB355 Datasheet(PDF) 108 Page - ATMEL Corporation

Part # AT43USB355
Description  Full-speed USB Microcontroller with Embedded Hub, ADC and PWM
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB355 Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button AT43USB355_06 Datasheet HTML 104Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 105Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 106Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 107Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 108Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 109Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 110Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 111Page - ATMEL Corporation AT43USB355_06 Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 115 page
background image
108
AT43USB355
2603G–USB–04/06
Table 39. Hub Timings, Full-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
THDD2
Hub Differential Data
Delay without cable
44
ns
THDJ1
THDJ2
Hub Diff Driver Jitter to
Next Transition for Paired
Transitions
-3
-1
3
1
ns
TFSOP
Data Bit Width Distortion
after SOP
-5
5
ns
TFEOPD
Hub EOP Delay Relative
to THDD
015
ns
TFHESK
Hub EOP Output Width
Skew
-15
15
ns
Table 40. Hub Timings, Low-speed Operation
Symbol
Parameter
Condition
Min
Max
Unit
TLHDD
Hub Differential Data
Delay
300
ns
TLHDJ1
TLHDJ2
TLUHJ1
TLUHJ2
Downstr Hub Diff Driver
Jitter to Next Transition,
downst for Paired
Transitions, downst to
Next Transition, upstr for
Paired Transitions, upstr
-45
-15
-45
-45
45
15
45
45
ns
TSOP
Data Bit Width Distortion
after SOP
-60
60
ns
TLEOPD
Hub EOP Delay Relative
to THDD
0
200
ns
TLHESK
Hub EOP Output Width
Skew
-300
300
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com