Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT43USB325E-AC Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT43USB325E-AC
Description  Multimedia USB Keyboard Controller with Embedded Hub
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT43USB325E-AC Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT43USB325E-AC Datasheet HTML 51Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 52Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 53Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 54Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 55Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 56Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 57Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 58Page - ATMEL Corporation AT43USB325E-AC Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 109 page
background image
55
3355C–USB–4/05
AT43USB325
7.
I/O Ports
All GPIO ports have true Read-Modify-Write functionality when used as general digital I/O ports.
This means that the direction of one port pin can be changed without unintentionally changing
the direction of any other pin with the SBI and CBI instructions. The same applies for changing
drive value if configured as output or enabling/disabling of pull-up resistors if configured as input.
The keyboard matrix strobe output pins, PA[0:7], PB[0:7] and PE[0:3] have controlled slope driv-
ers. With a load of 100 pF, the output fall time ranges between 75 ns and 300 ns. The keyboard
matrix strobe input pins, PC[0:7] have When the FE3 IMSK bit is set (1), the Function End-point
3 Interrupt is masked.
PE[4:7] have 5V tolerant outputs and each has a built-in series resistor of 330
Ω nominal value.
These output pins are designed for driving an LED connected to the 5V supply.
The dedicated functions are summarized in Table 7-1.
In the AT43USB325E Port F[0:3] are used as the SPI signals for the external serial EEPROM.
Once the data from the SEEPROM are loaded to the SRAM, Port F[1:3] become available as
GPIO pins. Only cycling the power to the chip off and on again will temporarily assign these pins
as EEPOM signals.
Table 7-1.
GPIO Function Assignments
Function
GPIO
Scan out[0:7]
PA[0:7]
Scan out[8:15]
PB[0:7]
Scan out[16:19]
PE[0:3]
Scan in[0:7]
PC[0:7]
LED drivers
PE[4:7]
EEPROM Interface
PF[1:3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com